Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51RC2-3CSIM Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 23Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 24Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 25Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 26Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 27Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 28Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 29Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 30Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 125 page
background image
27
AT89C51RB2/RC2
4180B–8051–04/03
Registers
Table 20. T2CON Register
T2CON – Timer 2 Control Register (C8h)
Reset Value = 0000 0000b
Bit addressable
7654
3210
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2#
CP/RL2#
Bit
Number
Bit
Mnemonic
Description
7
TF2
Timer 2 Overflow Flag
Must be cleared by software.
Set by hardware on Timer 2 overflow, if RCLK = 0 and TCLK = 0.
6EXF2
Timer 2 External Flag
Set when a capture or a reload is caused by a negative transition on T2EX pin if
EXEN2 = 1.
When set, causes the CPU to vector to Timer 2 interrupt routine when Timer 2
interrupt is enabled.
Must be cleared by software. EXF2 doesn’t cause an interrupt in Up/down
counter mode (DCEN = 1).
5
RCLK
Receive Clock Bit
Cleared to use timer 1 overflow as receive clock for serial port in mode 1 or 3.
Set to use Timer 2 overflow as receive clock for serial port in mode 1 or 3.
4TCLK
Transmit Clock Bit
Cleared to use timer 1 overflow as transmit clock for serial port in mode 1 or 3.
Set to use Timer 2 overflow as transmit clock for serial port in mode 1 or 3.
3EXEN2
Timer 2 External Enable Bit
Cleared to ignore events on T2EX pin for Timer 2 operation.
Set to cause a capture or reload when a negative transition on T2EX pin is
detected, if Timer 2 is not used to clock the serial port.
2TR2
Timer 2 Run Control Bit
Cleared to turn off Timer 2.
Set to turn on Timer 2.
1C/T2#
Timer/Counter 2 Select Bit
Cleared for timer operation (input from internal clock system: FCLK PERIPH).
Set for counter operation (input from T2 input pin, falling edge trigger). Must be 0
for clock out mode.
0
CP/RL2#
Timer 2 Capture/Reload Bit
If RCLK = 1 or TCLK = 1, CP/RL2# is ignored and timer is forced to auto-reload
on Timer 2 overflow.
Cleared to auto-reload on Timer 2 overflows or negative transitions on T2EX pin
if EXEN2 = 1.
Set to capture on negative transitions on T2EX pin if EXEN2 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com