Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51RC2-3CSIM Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT89C51RC2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC2-3CSIM Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT89C51RC2-3CSIM Datasheet HTML 29Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 30Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 31Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 32Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 33Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 34Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 35Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 36Page - ATMEL Corporation AT89C51RC2-3CSIM Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 125 page
background image
33
AT89C51RB2/RC2
4180B–8051–04/03
Figure 11. PCA Interrupt System
PCA Modules: each one of the five compare/capture Modules has six possible func-
tions. It can perform:
•
16-bit Capture, positive-edge triggered
•
16-bit Capture, negative-edge triggered
•
16-bit Capture, both positive and negative-edge triggered
•
16-bit Software Timer
•
16-bit High-speed Output
•
8-bit Pulse Width Modulator
In addition, Module 4 can be used as a Watchdog Timer.
Each Module in the PCA has a special function register associated with it. These regis-
ters are: CCAPM0 for Module 0, CCAPM1 for Module 1, etc. (see Table 24). The
registers contain the bits that control the mode that each Module will operate in.
•
The ECCF bit (CCAPMn. 0 where n = 0, 1, 2, 3, or 4 depending on the Module)
enables the CCF flag in the CCON SFR to generate an interrupt when a match or
compare occurs in the associated Module.
•
PWM (CCAPMn. 1) enables the pulse width modulation mode.
•
The TOG bit (CCAPMn. 2) when set causes the CEX output associated with the
Module to toggle when there is a match between the PCA counter and the Module's
capture/compare register.
•
The match bit MAT (CCAPMn. 3) when set will cause the CCFn bit in the CCON
register to be set when there is a match between the PCA counter and the Module's
capture/compare register.
•
The next two bits CAPN (CCAPMn. 4) and CAPP (CCAPMn. 5) determine the edge
that a capture input will be active on. The CAPN bit enables the negative edge, and
the CAPP bit enables the positive edge. If both bits are set both edges will be
enabled and a capture will occur for either transition.
•
The last bit in the register ECOM (CCAPMn. 6) when set enables the comparator
function.
Table 24 shows the CCAPMn settings for the various PCA functions.
CF
CR
CCON
0xD8
CCF4 CCF3
CCF2
CCF1
CCF0
Module 4
Module 3
Module 2
Module 1
Module 0
ECF
PCA Timer/Counter
ECCFn CCAPMn. 0
CMOD. 0
IE. 6
IE. 7
To Interrupt
Priority Decoder
EC
EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com