Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NF2W385ART-V2 Datasheet(PDF) 9 Page - NICHIA CORPORATION

Part # NF2W385ART-V2
Description  SPECIFICATIONS FOR WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NF2W385ART-V2 Datasheet(HTML) 9 Page - NICHIA CORPORATION

Back Button NF2W385ART-V2 Datasheet HTML 5Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 6Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 7Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 8Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 9Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 10Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 11Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 12Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 13Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
NICHIA STS-DA1-4452B <Cat.No.171003>
8
CHROMATICITY DIAGRAM
2200K
2500K
0.36
0.38
0.40
0.42
0.44
0.46
0.44
0.46
0.48
0.50
0.52
0.54
x
黒体放射軌跡
Blackbody Locus
sm2270a
sm2270c
sm2270d
sm2270f
sm2570c
sm2570f
sm2570d
sm2570e
sm2270b
sm255
sm225
sm2270e
sm2570a
sm2570b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com