Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NF2W385ART-V2 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NF2W385ART-V2
Description  SPECIFICATIONS FOR WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NF2W385ART-V2 Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NF2W385ART-V2 Datasheet HTML 1Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 2Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 3Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 4Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 5Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 6Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 7Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 8Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
NICHIA STS-DA1-4452B <Cat.No.171003>
2
RANKS
Item
Rank
Condition
Min
Max
Unit
Forward Voltage
-
IF=200mA
5.7
7.2
V
Luminous Flux
B21
IF=200mA
210
220
lm
B20
200
210
B19
190
200
B18
180
190
B17
170
180
B16
160
170
B15
150
160
B14
140
150
B13
130
140
Color Rendering Index
R70
Ra
IF=200mA
70
-
-
R8000
Ra
80
-
R9
0
-
R9050
Ra
90
-
R9
50
-
Color Ranks(IF=200mA)
The color ranks have chromaticity ranges within 5-step MacAdam ellipse.
Rank
sm225
Rank
sm255
Rank
sm275
Rank
sm305
Rank
sm355
Rank
sm405
Color Temperature
(Unit: K)
TCP
2200
2500
2700
3000
3500
4000
Center Point
x
0.5018
0.4806
0.4578
0.4338
0.4073
0.3818
y
0.4153
0.4141
0.4101
0.4030
0.3917
0.3797
Minor Axis
a
0.006670
0.006715
0.006760
0.006845
0.006830
0.006785
Major Axis
b
0.012010
0.012525
0.013120
0.013985
0.014660
0.015470
Ellipse Rotation Angle
Φ
-39.89
-37.58
-36.05
-36.00
-35.47
-35.95
Rank
sm455
Rank
sm505
Rank
sm575
Rank
sm655
Color Temperature
(Unit: K)
TCP
4500
5000
5700
6500
Center Point
x
0.3611
0.3447
0.3287
0.3123
y
0.3658
0.3553
0.3417
0.3282
Minor Axis
a
0.006420
0.005925
0.005145
0.004515
Major Axis
b
0.015015
0.014030
0.013015
0.010935
Ellipse Rotation Angle
Φ
-34.33
-31.78
-31.56
-32.35
The color ranks have chromaticity ranges within 7-step MacAdam ellipse.
Rank
sm2270a
Rank
sm2270b
Rank
sm2270c
Rank
sm2270d
Rank
sm2270e
Rank
sm2270f
Color Temperature
(Unit: K)
TCP
2200
Center Point
x
0.5018
y
0.4153
Minor Axis
a
0.009338
Major Axis
b
0.016814
Ellipse Rotation Angle
Φ
-39.89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com