Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NF2W385ART-V2 Datasheet(PDF) 12 Page - NICHIA CORPORATION

Part # NF2W385ART-V2
Description  SPECIFICATIONS FOR WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NF2W385ART-V2 Datasheet(HTML) 12 Page - NICHIA CORPORATION

Back Button NF2W385ART-V2 Datasheet HTML 8Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 9Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 10Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 11Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 12Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 13Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 14Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 15Page - NICHIA CORPORATION NF2W385ART-V2 Datasheet HTML 16Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
NICHIA STS-DA1-4452B <Cat.No.171003>
11
OUTLINE DIMENSIONS
STS-DA7-10146A
NF2W385AR-V2
管理番号
No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品は
RoHS指令に適合しております。
*
(単位 Unit: mm, 公差 Tolerance: ±0.2)
K
A
保護素子
Protection Device
ダイヒートシンク
Die Heat Sink
3.2
1.13
Cathode
Anode
Die Heat Sink
ダイヒートシンク
3.5
4
1
光学的中心位置
Location of the optical center
項目
Item
パッケージ材質
Package Materials
プリコート材質
Pre-coating
Materials
内容
Description
耐熱性ポリマー
Heat-Resistant Polymer
シリコーン樹脂
(拡散剤
+蛍光体入り)
Silicone Resin
(with diffuser and phosphor)
レンズ材質
Lens Materials
シリコーン樹脂
Silicone Resin
質量
Weight
電極材質
Electrodes Materials
ダイヒートシンク材質
Die Heat Sink
Materials
銅合金
+銀メッキ
Ag-plated Copper Alloy
銅合金
+銀メッキ
Ag-plated Copper Alloy
0.038g(TYP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com