Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RBA30-24D3.3DNH Datasheet(PDF) 9 Page - Wall Industries,Inc.

Part # RBA30-24D3.3DNH
Description  Ultra Wide 4:1 Input Voltage Range
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBA30-24D3.3DNH Datasheet(HTML) 9 Page - Wall Industries,Inc.

Back Button RBA30-24D3.3DNH Datasheet HTML 2Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 3Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 4Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 5Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 6Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 7Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 8Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 9Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 10Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Rev A
RBA30 SERIES
30 Watts
DC/DC Converter
Single & Dual Output
11/21/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 9 of 10
DESIGN REFERENCE
1. Typical Application
All the DC/DC converters of this series are tested below according to the recommended circuit below. If it is required to further reduce input and output
ripple, properly increase the input & output of additional capacitors Cin and Cout or select capacitors of low equivalent impedance provided that the
capacitance is no larger than the max. capacitive load of the product.
Single Output
Voltage (VDC)
Cout
(µF)
Cin
(µF)
Dual Output
Voltage (VDC)
Cout
(µF)
Cin
(µF)
3.3/5/9
220
100
±5/±12/±15
220
100
12/15/24
100
±24
100
2. EMC Solution-Recommended Circuit
Note: Part
①inthefigureaboveisusedforEMStestandpart②forEMI
filtering; selected based on needs.
Parameter Description
Model
24Vin
48Vin
FUSE
Choose according to actual input current
MOV
S20K30
S14K60
C0
680µF/50V
330µF/100V
C1
330µF/50V
330µF/100V
C2
4.7µF/50V
2.2µF/100V
C3
Refer to Cout in Typical Application Figure
LCM
1mH, contact factory for recommendation
CY1, CY2
1nF/2KV
Notes: Part
①inthefigureaboveisusedforEMStestandpart②forEMI
filtering; selected based on needs.
Parameter Description
Model
24Vin
48Vin
FUSE
Choose according to actual input current
MOV
S20K30
S14K60
C0
680µF/50V
330µF/100V
C1
2.2µF/50V
2.2µV/100V
C2
2.2µF/50V
2.2µF/100V
C3
330µF/50V
330µF/100V
C4
Refer to Cout in Typical Application Figure
LDMI
3.3µH
CY1, CY2
2.2nF/400VAC Safety Y Capacitor
3. Application of Trim and Calculation of Trim Resistance
Applied circuit of Trim (part in broken line is the interior of models)
Calculation formula of Trim resistance:
up: RT =
aR2
-R3
a=
Vref
∙R
1
R2-a
Vo’-Vref
down: RT=
aR1
-R3
a=
Vo’-Vref
∙R
2
R1-a
Vref
RT is Trim resistance, a is a self-defined parameter, with no real meaning.
Vo’ for the actual needs of the up or down regulated votlage
Vout (VDC)
R1 (KΩ)
R2 (KΩ)
R3 (KΩ)
Vref(V)
3.3
4.801
2.87
12.4
1.24
5
2.883
2.87
10
2.5
9
7.500
2.87
15
2.5
12
11.000
2.87
15
2.5
15
14.494
2.87
15
2.5
24
24.872
2.87
17.8
2.5
4. Models cannot be connected in parallel to increase power.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com