Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RBA30-24D3.3DNH Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # RBA30-24D3.3DNH
Description  Ultra Wide 4:1 Input Voltage Range
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBA30-24D3.3DNH Datasheet(HTML) 4 Page - Wall Industries,Inc.

  RBA30-24D3.3DNH Datasheet HTML 1Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 2Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 3Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 4Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 5Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 6Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 7Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 8Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Rev A
RBA30 SERIES
30 Watts
DC/DC Converter
Single & Dual Output
11/21/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 10
NOTES
1.
Chassis Mount, DIN Rail Mount, and Heatsink are available options for this series. To indicate chassis mount, add “C” to model number. To
indicate DIN Rail Mount, add “DN” to model number. To indicate Heatsink, add “H” to model number.
2.
Due to input reverse polarity protection function, chassis mount & DIN rail mount models minimum value input voltage range and starting voltage
is higher than 1VDC DIP package.
3.
Efficiency is measured in nominal input voltage and rated output load. Due to input reverse polarity protection, minimum efficiency of chassis
mount and DIN rail mount models greater than min. -2 is qualified.
4.
The capacitive loads of positive and negative outputs are identical. Maximum capacitive load offered were tested at input voltage range and full
load.
5.
This is the absolute maximum rating the converter can operate at without damage, but it isn’t recommended.
6.
The voltage of Ctrl pin is relative to input pin GND.
7.
When testing from 0%-100% load working conditions, load regulation index of ±5%.
8.
Ripple & Noise are measured by “parallel cable” method. See application notes for specific operation.
9.
This series of products using reduced frequency technology, the switching frequency is test value of full load. When the load is reduced to below
50%, the switching frequency decreases with decreasing load.
10. See EMC solution-recommended circuit for recommended circuit.
11. Customization is available.
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVES
Temperature Derating Curve (Single Output Models)
Temperature Derating Curve (Single Output Models)
Models: RBA30-24S03(H), RBA30-24S05(H), RBA48S03(H),
RBA30-48S05(H)
Models: RBA30-24S09(H), RBA30-24S12(H), RBA30-24S15(H), RBA30-
48S12(H), RBA30-48S12(H), RBA30-48S15(H), RBA30-48S24(H)
Temperature Derating Curve (Dual Output Models)
Temperature Derating Curve (Dual Output Models)
Models: RBA30-24D05(H) (9~18VDC Input), RBA30-24D24(H)
(9~18VDC Input), RBA30-48D05(H) (18~36VDC Input)
Models: RBA30-24D05(H) (18~36VDC Input Voltage), RBA30-24D24(H)
(18~36VDC Input Voltage), RBA30-48D05 (36~75VDC Input Voltage),
RBA30-24D12(H), RBA30-24D15(H), RBA30-48D12(H), RBA30-48D15(H)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com