Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RBA30-24D3.3DNH Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # RBA30-24D3.3DNH
Description  Ultra Wide 4:1 Input Voltage Range
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBA30-24D3.3DNH Datasheet(HTML) 1 Page - Wall Industries,Inc.

  RBA30-24D3.3DNH Datasheet HTML 1Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 2Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 3Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 4Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 5Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 6Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 7Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 8Page - Wall Industries,Inc. RBA30-24D3.3DNH Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev A
RBA30 SERIES
30 Watts
DC/DC Converter
Single & Dual Output
11/21/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 10
Through Hole Package
Chassis Mount
DIN Rail Mount
Size: 2 x 1 x 0.47in (50.80 x 25.4 x 11.80mm)
Size: 2.99 x 1.24 x 0.84in (76 x 31.5 x 21.2mm)
Size: 2.99 x 1.24 x 1.02in (76 x 31.5 x 25.8mm)
Through Hole with Heatsink Package
Chassis Mount with Heatsink
DIN Rail Mount with Heatsink
Size: 2 x 1 x 0.64in (50.80 x 25.4 x 16.3mm)
Size: 2.99 x 1.24 x 0.99in (76 x 31.5 x 25.1mm)
Size: 2.99 x 1.24 x 1.17in (76 x 31.5 x 29.7mm)
OPTIONS
FEATURES
• Package Type
-Through Hole
-Chassis Mount
-DIN Rail
• Heatsink
• Ultra Wide 4:1 Input Voltage Range
• Isolated & Regulated Single & Dual Output
• High Efficiency
• Through Hole, Chassis Mount, or DIN Rail
Package
• Optional Heatsink Available
• Isolation Voltage of 1500VDC
• Six-Sided Shielded Metal Packaging
• RoHS Compliant
• Input Under Voltage Protection
• Over Voltage, Over Current, and Short Circuit Protection
• Reverse Voltage Protection Available for Chassis Mount
and DIN Rail Models
• Meets CISPR22/EN55022 Class A Without External
Components
• IEC60950, UL60950, and EN60950 Safety Approvals
APPLICATIONS
DESCRIPTION
• Industrial Robotics
The RBA30 series of DC/DC converters offers up to 30 watts of output power in either a through hole package,
chassis mounted package, or DIN rail mounted package. This series consists of single and dual output models
with an ultra-wide 4:1 input voltage range. Features of this series include high efficiency, six-sided shielding,
optional heatsink, and input under voltage protection as well as over voltage, over current, and short circuit
protection. This series meets CISPR22/EN55022 Class A without external components, is RoHS compliant, and
has IEC60950, UL60905, and EN60950 safety approvals. Please contact factory for ordering information.
MODEL SELECTION TABLE
Single Output Models
Model Number(1) Input Voltage Range(2) Output Voltage
Output Current
Efficiency(3)
Maximum
Capacitive Load(4)
Ripple &
Noise
Output
Power
Certification
Min Load Max Load
Min.
Typ.
RBA30-24S03
24VDC
(9~36VDC)
3.3VDC
0mA
6000mA
83%
85%
10000µF
50mVp-p
30W
UL/CE/CB
RBA30-24S05
5VDC
0mA
6000mA
86%
88%
10000µF
RBA30-24S09
9VDC
0mA
3333mA
86%
88%
4700µF
RBA30-24S12
12VDC
0mA
2500mA
88%
90%
2700µF
RBA30-24S15
15VDC
0mA
2000mA
88%
90%
1680µF
RBA30-24S24
24VDC
0mA
1250mA
88%
90%
680µF
RBA30-48S03
48VDC
(18~75VDC)
3.3VDC
0mA
6000mA
84%
86%
10000µF
50mVp-p
30W
UL/CE/CB
RBA30-48S05
5VDC
0mA
6000mA
86%
88%
10000µF
RBA30-48S12
12VDC
0mA
2500mA
86%
88%
2700µF
RBA30-48S15
15VDC
0mA
2500mA
87%
89%
1680µF
RBA30-48S24
24VDC
0mA
1250mA
87%
89%
680µF


Similar Part No. - RBA30-24D3.3DNH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RBA300N10EANS-3UA02 RENESAS-RBA300N10EANS-3UA02 Datasheet
460Kb / 9P
100 V - 340 A - 1.5 mΩ - TOLL for Automotive
Oct.10.2025
RBA300N10EHPF-5UA02 RENESAS-RBA300N10EHPF-5UA02 Datasheet
476Kb / 9P
100 V - 340 A - 1.5 mΩ - TOLG for Automotive
Oct.10.2025
RBA30N04DANS-4UB10 RENESAS-RBA30N04DANS-4UB10 Datasheet
447Kb / 9P
40V - 30A - 10mΩ
Jun.27.2025
RBA30N04DANS-4UB10 RENESAS-RBA30N04DANS-4UB10 Datasheet
355Kb / 9P
N-Channel Power MOSFET 40V - 30A - 10mΩ
Rev.1.40 Mar.4.2026
RBA30N04DANS-4UB10#HB0 RENESAS-RBA30N04DANS-4UB10#HB0 Datasheet
355Kb / 9P
N-Channel Power MOSFET 40V - 30A - 10mΩ
Rev.1.40 Mar.4.2026
More results

Similar Description - RBA30-24D3.3DNH

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
4 1 Wide Input Voltage Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
4:1 ULTRA WIDE INPUT RANGE
logo
MORNSUN Science& Techno...
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
Ultra wide input voltage range
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
Ultra wide input voltage range
logo
Recom International Pow...
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
Ultra-wide 4:1 Input Range
logo
Wall Industries,Inc.
RGUW3 WALL-RGUW3 Datasheet
362Kb / 6P
4:1 Ultra Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com