Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP8869WGL Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP8869WGL
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 19Page - Monolithic Power Systems MP8869WGL Datasheet HTML 20Page - Monolithic Power Systems MP8869WGL Datasheet HTML 21Page - Monolithic Power Systems MP8869WGL Datasheet HTML 22Page - Monolithic Power Systems MP8869WGL Datasheet HTML 23Page - Monolithic Power Systems MP8869WGL Datasheet HTML 24Page - Monolithic Power Systems MP8869WGL Datasheet HTML 25Page - Monolithic Power Systems MP8869WGL Datasheet HTML 26Page - Monolithic Power Systems MP8869WGL Datasheet HTML 27Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
23
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Figure 6: Internal Bootstrap Charging Circuit
START-UP AND SHUTDOWN
If VIN, VCC, and EN exceed their respective
thresholds, the chip starts up. The reference
block starts first, generating stable reference
voltages and currents, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
Several events can shut down the chip: EN low,
VIN low, VCC low, thermal shutdown, OVP latch,
and OCP latch. In the shutdown procedure, the
signaling path is first blocked to avoid any fault
triggering. VEAO and the internal supply rail are
then pulled down.
I2C Control and Default Output Voltage
When the MP8869W is enabled, the output
voltage is determined by the FB resistors with a
programmed soft-start time. After that, the I2C
bus can communicate with the master. If the chip
does not receive I2C communication signal
continuously, it can works well through FB and
performs behavior similar to a traditional non-I2C
part. The output voltage is determined by the
resistor dividers R1, R2, and FB reference
voltage. VOUT can be calculated using Equation
(3):
R1
Vout(V)
0.6 (1
)
R2
 
(3)
The FB loop VREF is 0.6V. The FB loop reference
voltage is a fixed value that cannot be adjusted
by the I2C.
Loop Switch
There is no output slew rate control during the
FB loop to the I2C loop. When the output voltage
setting is much larger or smaller than the present
voltage, it is recommended to take two steps to
finish the loop switch and output voltage setting.
During the FB loop to the I2C loop, first set the
output voltage in the I2C loop to the present
output voltage, and then set V_BOOT = 0 to
switch the FB loop to the I2C loop. Second,
change the output voltage to the target with slew
rate control in the I2C loop. Please refer to the
Output Voltage Dynamic Scaling section on
page 30 for details.
In the I2C control loop, the output voltage is
determined by the I2C control, and the FB
feedback loop is disabled. After the MP8869W
receives a valid data byte of the output voltage
setting, the MP8869W adjusts the DAC output as
the reference voltage with a controlled slew rate.
The slew rate is determined by three bits D[5:3]
in register 01.
I2C Slave Address
To support multiple devices used on the same
I2C bus, A0 can be used to select four different
addresses. A resistor divider from VCC to GND
can achieve an accurate reference voltage.
Connect A0 to this reference voltage to set a
different I2C slave address (see Figure 7). The
internal
circuit
changes
the
I2C
address
accordingly. When the master sends an 8-bit
address value, the 7-bit I2C address should be
followed by 0/1 to indicate a write/read operation.
Table 2 shows the recommended I2C address
selection by the A0 voltage.
A0
RA0_up
RA0_down
VCC
2MΩ
Figure 7: I2C Slave Address Selection Set-Up
Table 2: Recommended I2C Slave Address
Selection by A0 Resistor Divider
A0 Upper
Resistor
RA0_up
(kΩ)
A0 Lower
Resistor
RA0_down
(kΩ)
I2C Slave Address
Binary
Hex
No connect
No connect
110 0000
60H
500
300
110 0010
62H
300
500
110 0100
64H
100
No connect
110 0110
66H
VIN
D1
M1
3.3V
C4
BST
SW
L1
VOUT
C2
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com