Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP8869WGL Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP8869WGL
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 21Page - Monolithic Power Systems MP8869WGL Datasheet HTML 22Page - Monolithic Power Systems MP8869WGL Datasheet HTML 23Page - Monolithic Power Systems MP8869WGL Datasheet HTML 24Page - Monolithic Power Systems MP8869WGL Datasheet HTML 25Page - Monolithic Power Systems MP8869WGL Datasheet HTML 26Page - Monolithic Power Systems MP8869WGL Datasheet HTML 27Page - Monolithic Power Systems MP8869WGL Datasheet HTML 28Page - Monolithic Power Systems MP8869WGL Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
25
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
I2C Write and Read Sequence Example
S
Slave Address
WR A Register Address K
Write Data
A
A P
8 bits
8 bits
8 bits
Master to Slave
Slave to Master
A = Acknowledge (SDA = LOW)
S = Start Condition
P = Stop Condition
NA = NOT Acknowledge (SDA = HIGH)
WR Write = 0
RD Read = 1
I2C Write Example --- Write Single Register
S
Slave Address
WR
A Register Address K
Write Data K
A
P
A
Write Data K+1
A
Write Data K+N
Multi byte write executed from current register location
(the read only register will be skipped)
8 bits
8 bits
8 bits
A
Master to Slave
Slave to Master
A = Acknowledge (SDA = LOW)
S = Start Condition
P = Stop Condition
NA = NOT Acknowledge (SDA = HIGH)
WR Write = 0
RD Read = 1
I2C Write Example --- Write Multi Register
S
Slave Address
WR
A Register Address K
Read Data K
A
A
P
Master to Slave
Slave to Master
A = Acknowledge (SDA = LOW)
S = Start Condition
P = Stop Condition
NA = NOT Acknowledge (SDA = HIGH)
8 bits
8 bits
8 bits
Sr
Slave Address
RD
NA
8 bits
WR Write = 0
RD Read = 1
Register address to read specified
Read register data from current register location
Sr = Repeat
Start Condition
I2C Read Example --- Read Single Register
S
Slave Address
WR A Register Address K
Read Data K
A
A
Master to Slave
Slave to Master
A = Acknowledge (SDA = LOW)
S = Start Condition
P = Stop Condition
NA = NOT Acknowledge (SDA = HIGH)
8 bits
8 bits
8 bits
Sr
Slave Address
RD
8 bits
WR Write = 0
RD Read = 1
Read Data K+N
NA
A
P
Register address to read specified
Multi byte read executed from current
register location until Master respond NA
Sr = Repeat
Start Condition
I2C Read Example --- Read Multi Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com