Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP8869WGL Datasheet(PDF) 27 Page - Monolithic Power Systems

Part # MP8869WGL
Description  3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8869WGL Datasheet(HTML) 27 Page - Monolithic Power Systems

Back Button MP8869WGL Datasheet HTML 23Page - Monolithic Power Systems MP8869WGL Datasheet HTML 24Page - Monolithic Power Systems MP8869WGL Datasheet HTML 25Page - Monolithic Power Systems MP8869WGL Datasheet HTML 26Page - Monolithic Power Systems MP8869WGL Datasheet HTML 27Page - Monolithic Power Systems MP8869WGL Datasheet HTML 28Page - Monolithic Power Systems MP8869WGL Datasheet HTML 29Page - Monolithic Power Systems MP8869WGL Datasheet HTML 30Page - Monolithic Power Systems MP8869WGL Datasheet HTML 31Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
MP8869W
– 3V - 18V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8869W Rev. 1.02
www.MonolithicPower.com
27
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Table 3: Output Voltage Selection Chart
D[6:0]
VOUT(V)
D[6:0]
VOUT(V)
D[6:0]
VOUT(V)
D[6:0]
VOUT(V)
000 0000
0.6
010 0000
0.84
100 0000
1.08
110 0000
1.32
000 0001
0.6075
010 0001
0.8475
100 0001
1.0875
110 0001
1.3275
000 0010
0.615
010 0010
0.855
100 0010
1.095
110 0010
1.335
000 0011
0.6225
010 0011
0.8625
100 0011
1.1025
110 0011
1.3425
000 0100
0.63
010 0100
0.87
100 0100
1.11
110 0100
1.35
000 0101
0.6375
010 0101
0.8775
100 0101
1.1175
110 0101
1.3575
000 0110
0.645
010 0110
0.885
100 0110
1.125
110 0110
1.365
000 0111
0.6525
010 0111
0.8925
100 0111
1.1325
110 0111
1.3725
000 1000
0.66
010 1000
0.9
100 1000
1.14
110 1000
1.38
000 1001
0.6675
010 1001
0.9075
100 1001
1.1475
110 1001
1.3875
000 1010
0.675
010 1010
0.915
100 1010
1.155
110 1010
1.395
000 1011
0.6825
010 1011
0.9225
100 1011
1.1625
110 1011
1.4025
000 1100
0.69
010 1100
0.93
100 1100
1.17
110 1100
1.41
000 1101
0.6975
010 1101
0.9375
100 1101
1.1775
110 1101
1.4175
000 1110
0.705
010 1110
0.945
100 1110
1.185
110 1110
1.425
000 1111
0.7125
010 1111
0.9525
100 1111
1.1925
110 1111
1.4325
001 0000
0.72
011 0000
0.96
101 0000
1.2
111 0000
1.44
001 0001
0.7275
011 0001
0.9675
101 0001
1.2075
111 0001
1.4475
001 0010
0.735
011 0010
0.975
101 0010
1.215
111 0010
1.455
001 0011
0.7425
011 0011
0.9825
101 0011
1.2225
111 0011
1.4625
001 0100
0.75
011 0100
0.99
101 0100
1.23
111 0100
1.47
001 0101
0.7575
011 0101
0.9975
101 0101
1.2375
111 0101
1.4775
001 0110
0.765
011 0110
1.005
101 0110
1.245
111 0110
1.485
001 0111
0.7725
011 0111
1.0125
101 0111
1.2525
111 0111
1.4925
001 1000
0.78
011 1000
1.02
101 1000
1.26
111 1000
1.5
001 1001
0.7875
011 1001
1.0275
101 1001
1.2675
111 1001
1.5075
001 1010
0.795
011 1010
1.035
101 1010
1.275
111 1010
1.515
001 1011
0.8025
011 1011
1.0425
101 1011
1.2825
111 1011
1.5225
001 1100
0.81
011 1100
1.05
101 1100
1.29
111 1100
1.53
001 1101
0.8175
011 1101
1.0575
101 1101
1.2975
111 1101
1.5375
001 1110
0.825
011 1110
1.065
101 1110
1.305
111 1110
1.545
001 1111
0.8325
011 1111
1.0725
101 1111
1.3125
111 1111
1.5525
2) Reg01 SysCntlreg1
Register 01 is the first system control register.
The highest bit, EN, can be used to turn the part
on or off when the external EN is high. When the
external EN is high, after part shuts down by
setting the EN bit to 0, and then the HS-FET and
LS-FET
stop
switching.
The
part
resumes
switching by setting the EN bit to 1 again. When
the external EN is low, the converter is off, and the
I2C shuts down.
The bit GO_BIT is only used for output reference
setting in the I2C loop. Set GO_BIT to 1 to enable
the I2C authority of writing the output reference.
When the command is finished, GO_BIT auto-
resets to 0 to prevent false operation of the VOUT
scaling.
The IC switches to forced PWM mode when the
GO_BIT is set to 1 to achieve a smooth output
waveform during the output dynamic scaling. After
the output scaling is complete, GO_BIT is set to 0
automatically, and the IC operation mode switches
to the original mode set by the MODE bit.
The 3-bit slew rate D[5:3] is used for slew rate
selection during the output voltage dynamic
scaling when the output voltage is controlled by
the I2C loop. A proper slew rate reduces the inrush
current, as well as voltage overshoot and
undershoot. Eight different slew rate levels can be
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com