Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-DASPA1.UC Datasheet(PDF) 9 Page - OSRAM GmbH

Part # GW-DASPA1.UC
Description  Optimized for high efficacies under application conditions
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-DASPA1.UC Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button GW-DASPA1.UC Datasheet HTML 5Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 6Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 7Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 8Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 9Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 10Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 11Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 12Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Preliminary Version 0.1
GW DASPA1.UC
2012-12-14
9
DRAFT – For Reference only. Subject to change.
Forward Current
4) page 19
Durchlassstrom
4) Seite 23
I
F = f (UF); TS = 25 °C
Chromaticity Coordinate Shift
2) page 19
Farbortverschiebung
2) Seite 23
C
x, Cy = f (IF); TS = 25 °C
Relative Luminous Flux
4) page 19
Relativer Lichtstrom
4) Seite 23
Φ
V/ΦV(100 mA) = f (I
F); TS = 25 °C
Max. Permissible Forward Current
Maximal zulässiger Durchlassstrom
I
F = f (T
S)
OHL05513
2.6
2.8
3.0
3.2
VF [V]
50
100
150
200
250
IF [mA]
OHL05518
IF [mA]
0.305
0.310
0.315
0.320
Cx
Cy
: Cx
: Cy
OHL05517
IF [mA]
0.0
0.5
1.0
1.5
2.0
ΦV
ΦV(100 mA)
OHL05511
0
20
40
60
80
100
120
TS [°C]
40
60
80
100
120
140
160
180
200
220
240
260
280
IF [mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com