Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-DASPA1.UC Datasheet(PDF) 11 Page - OSRAM GmbH

Part # GW-DASPA1.UC
Description  Optimized for high efficacies under application conditions
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-DASPA1.UC Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button GW-DASPA1.UC Datasheet HTML 7Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 8Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 9Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 10Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 11Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 12Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 13Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 14Page - OSRAM GmbH GW-DASPA1.UC Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Version 0.0
GW DASPA1.UC
2012-12-14
11
DRAFT – For Reference only. Subject to change.
Package Outline
5) page 23
Maßzeichnung
5) Seite 23
Approximate Weight:
12 mg
Gewicht:
12 mg
Kathodenkennung:
Markierung
Cathode mark:
mark
Note: The LED is protected by an ESD device which is connected in parallel to the LED-Chip.
Anm.: Die LED enthält ein ESD-Bauteil, das parallel zum Chip geschalten ist.
Corrosion robustness better than EN 60068-2-60 (method 4):
with enhanced corrosion test: 336 h, 40 °C, 90% r.h., 15 ppm H
2S
Korrosionsfestigkeit besser als EN 60068-2-60 (Methode 4):
mit erweitertem Korrosionstest: 336 h, 40 °C, 90% r. L., 15 ppm H
2S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com