Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDMF6823C Datasheet(PDF) 9 Page - ON Semiconductor

Part # FDMF6823C
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6823C Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FDMF6823C Datasheet HTML 5Page - ON Semiconductor FDMF6823C Datasheet HTML 6Page - ON Semiconductor FDMF6823C Datasheet HTML 7Page - ON Semiconductor FDMF6823C Datasheet HTML 8Page - ON Semiconductor FDMF6823C Datasheet HTML 9Page - ON Semiconductor FDMF6823C Datasheet HTML 10Page - ON Semiconductor FDMF6823C Datasheet HTML 11Page - ON Semiconductor FDMF6823C Datasheet HTML 12Page - ON Semiconductor FDMF6823C Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6823C • Rev. 1.0.3
Typical Performance Characteristics
Test Conditions: VIN=12 V, VOUT=1 V, VCIN=5 V, VDRV=5 V, LOUT=250 nH, TA=25°C, and natural convection cooling,
unless otherwise specified.
Figure 6.
Safe Operating Area
Figure 7.
Power Loss vs. Output Current
Figure 8.
Power Loss vs. Switching Frequency
Figure 9.
Power Loss vs. Input Voltage
Figure 10. Power Loss vs. Driver Supply Voltage
Figure 11. Power Loss vs. Output Voltage
0
5
10
15
20
25
30
35
40
45
50
0
25
50
75
100
125
150
PCB Temperature, TPCB (°C)
FSW = 300kHz
FSW = 1000kHz
VIN = 12V, VDRV & VCIN = 5V, VOUT = 1V
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10
15
20
25
30
35
40
45
Module Output Current, IOUT (A)
300kHz
500kHz
800kHz
1000kHz
VIN = 12V, VDRV & VCIN = 5V, VOUT = 1V
0.9
1.0
1.1
1.2
1.3
1.4
1.5
100
200
300
400
500
600
700
800
900
1000 1100
Module Switching Frequency, FSW (kHz)
VIN = 12V, VDRV & VCIN = 5V, VOUT = 1V, IOUT = 30A
0.98
1.00
1.02
1.04
1.06
1.08
4
6
8
1012
1416
18
Module Input Voltage, VIN (V)
VDRV & VCIN = 5V, VOUT = 1V, FSW = 300kHz, IOUT = 30A
0.90
0.95
1.00
1.05
1.10
1.15
4.0
4.5
5.0
5.5
6.0
Driver Supply Voltage, VDRV & VCIN (V)
VIN = 12V, VOUT = 1V, FSW = 300kHz, IOUT = 30A
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Module Output Voltage, VOUT (V)
VIN = 12V, VDRV & VCIN = 5V, FSW = 300kHz, IOUT = 30A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com