Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDMF6823C Datasheet(PDF) 19 Page - ON Semiconductor

Part # FDMF6823C
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6823C Datasheet(HTML) 19 Page - ON Semiconductor

Back Button FDMF6823C Datasheet HTML 13Page - ON Semiconductor FDMF6823C Datasheet HTML 14Page - ON Semiconductor FDMF6823C Datasheet HTML 15Page - ON Semiconductor FDMF6823C Datasheet HTML 16Page - ON Semiconductor FDMF6823C Datasheet HTML 17Page - ON Semiconductor FDMF6823C Datasheet HTML 18Page - ON Semiconductor FDMF6823C Datasheet HTML 19Page - ON Semiconductor FDMF6823C Datasheet HTML 20Page - ON Semiconductor FDMF6823C Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6823C • Rev. 1.0.3
Physical Dimensions
Figure 33.
40-Lead, Clipbond PQFN DrMOS, 6.0x6.0 mm Package
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
BOTTOM VIEW
LAND PATTERN
RECOMMENDATION
NOTES: UNLESS OTHERWISE SPECIFIED
A) DOES NOT FULLY CONFORM TO JEDEC
REGISTRATION MO-220, DATED
MAY/2005.
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE BURRS
OR MOLD FLASH. MOLD FLASH OR
BURRS DOES NOT EXCEED 0.10MM.
D) DIMENSIONING AND TOLERANCING PER
ASME Y14.5M-1994.
E) DRAWING FILE NAME: PQFN40AREV3
SEE
DETAIL 'A'
DETAIL 'A'
SCALE: 2:1
SEATING
PLANE
0.65
0.40
2.10
0.50 TYP
4.50
5.80
2.50
0.25
1.60
0.60
0.15
2.10
0.35
1
TOP VIEW
FRONT VIEW
C
0.30
0.20
0.05
0.00
1.10
0.90
0.10 C
0.08 C
10
11
20
21
30
31
40
0.40
0.50
(0.70)
0.40
2.00±0.10
2.00±0.10
(0.20)
(0.20)
1.50±0.10
0.50
0.30
(40X)
0.20
6.00
6.00
0.10 C
2X
B
A
0.10 C
2X
0.30
0.20 (40X)
4.40±0.10
0.10
CA B
0.05
C
(2.20)
0.50
10
1
40
31
30
21
20
11
PIN#1
INDICATOR
PIN #1 INDICATOR
MAY APPEAR AS
OPTIONAL
2.40±0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com