Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDMF6823C Datasheet(PDF) 16 Page - ON Semiconductor

Part # FDMF6823C
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6823C Datasheet(HTML) 16 Page - ON Semiconductor

Back Button FDMF6823C Datasheet HTML 12Page - ON Semiconductor FDMF6823C Datasheet HTML 13Page - ON Semiconductor FDMF6823C Datasheet HTML 14Page - ON Semiconductor FDMF6823C Datasheet HTML 15Page - ON Semiconductor FDMF6823C Datasheet HTML 16Page - ON Semiconductor FDMF6823C Datasheet HTML 17Page - ON Semiconductor FDMF6823C Datasheet HTML 18Page - ON Semiconductor FDMF6823C Datasheet HTML 19Page - ON Semiconductor FDMF6823C Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6823C • Rev. 1.0.3
Application Information
Supply Capacitor Selection
For the supply inputs (VCIN), a local ceramic bypass
capacitor is recommended to reduce noise and to
supply the peak current. Use at least a 1 µF X7R or X5R
capacitor. Keep this capacitor close to the VCIN pin and
connect it to the GND plane with vias.
Bootstrap Circuit
The bootstrap circuit uses a charge storage capacitor
(CBOOT), as shown in Figure 30. A bootstrap capacitance
of 100 nF X7R or X5R capacitor is usually adequate. A
series bootstrap resistor may be needed for specific
applications to improve switching noise immunity. The
boot resistor may be required when operating above
15 VIN and is effective at controlling the high-side
MOSFET turn-on slew rate and VSHW overshoot. RBOOT
values from 0.5 to 3.0
Ω are typically effective in
reducing VSWH overshoot.
VCIN Filter
The VDRV pin provides power to the gate drive of the
high-side and low-side power MOSFET. In most cases,
it can be connected directly to VCIN, the pin that
provides power to the logic section of the driver. For
additional noise immunity, an RC filter can be inserted
between the VDRV and VCIN pins. Recommended
values would be 10
Ω and 1 µF.
Power Loss and Efficiency
Measurement and Calculation
Refer to Figure 30 for power loss testing method.
Power loss calculations are:
PIN=(VIN x IIN) + (V5V x I5V) (W)
(1)
PSW=VSW x IOUT (W)
(2)
POUT=VOUT x IOUT (W)
(3)
PLOSS_MODULE=PIN - PSW (W)
(4)
PLOSS_BOARD=PIN - POUT (W)
(5)
EFFMODULE=100 x PSW/PIN (%)
(6)
EFFBOARD=100 x POUT/PIN (%)
(7)
Figure 29.
Block Diagram With VCIN Filter
Figure 30.
Power Loss Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com