Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-2SP2T-DCH Datasheet(PDF) 2 Page - Mini-Circuits

Part # USB-2SP2T-DCH
Description  USB RF-SPDT Switch Matrix
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

USB-2SP2T-DCH Datasheet(HTML) 2 Page - Mini-Circuits

  USB-2SP2T-DCH Datasheet HTML 1Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 2Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 3Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 4Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 5Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 6Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 7Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
USB-2SP2T-DCH
USB RF SPDT Switch Matrix
Parameter
Port
Conditions
Min.
Typ.
Max.
Units
Operating Frequency
DC
8000
MHz
Insertion Loss
COM to any active port
DC to 300 MHz
−
0.75
1.2
dB
300 - 3000 MHz
−
1.0
1.5
3000 - 6000 MHz
−
1.3
2.5
6000 - 8000 MHz
−
1.7
3.0
Isolation
Between ports 1 and 2 of each
switch
DC to 300 MHz
70
90
−
dB
300 - 3000 MHz
46
57
−
3000 - 6000 MHz
33
44
−
6000 - 8000 MHz
28
37
−
COM to any terminated port
DC to 300 MHz
62
81
−
300 - 3000 MHz
40
51
−
3000 - 6000 MHz
31
41
−
6000 - 8000 MHz
26
36
−
Switch A to Switch B
DC to 8000 MHz
71
103
−
VSWR
COM or any active port
DC to 3000 MHz
−
1.20
−
:1
3000 - 6000 MHz
−
1.25
−
6000 - 8000 MHz
−
1.40
−
Any terminated port
DC to 3000 MHz
−
1.15
−
3000 - 6000 MHz
−
1.30
−
6000 - 8000 MHz
−
1.35
−
Power Input
@1 dB Compression 1,2,3
COM to any active port
40 to 8000 MHz
−
38
−
dBm
IP3 3,4
COM to any active port
40 to 8000 MHz
−
50
−
dBm
Switching Time 5
−
−
−
14
−
µsec
Rated voltage
USB port
−
4.75
5
5.25
V
Rated Current
−
−
150
200
mA
Operating RF Input
Power
COM to any active port
Hot Switching 1
−
−
+23
dBm
Any terminated port
Note 1
−
−
+23
COM to any active port
Through path 2
−
−
+35
DC bias voltage
Any RF port
−
-7
−
7
V
DC pass-through current
COM to any active port
-60
−
60
mA
1 Max operating power at terminated port degrades linearly below 20 MHz to +17 dBm at 2 MHz and remains constant from 2 MHz to DC
2 Max operating power at through path degrades linearly below 30 MHz to +25 dBm at 2 MHz and remains constant from 2 MHz to DC
3 Compression and IP3 degrade below 40 MHz
4 IP3 Tested with 1 MHz span between signals.
5 Switching time spec represents the time that the RF signal paths are interrupted during switching and thus is specified without communication delays.
Connections
RF SPDT Switch A (1, 2, COM) (SMA female)
RF SPDT Switch B (1, 2, COM) (SMA female)
USB
(USB type Mini-B
receptacle)
Absolute Maximum Ratings
Operating Temperature
0°C to 50°C
Storage Temperature
-20°C to 60°C
DC supply voltage max.
6V
RF power into termina-
tion
DC - 20 MHz
Derate linearly from +24 dBm@20 Mhz to +18
dBm@ 2MHz and remains constant from 2 MHz
to DC
20 - 8000 MHz
+24 dBm
RF power @ Through
Path
DC - 30 MHz
Derate linearly from +38 dBm@30 MHz to +28 dBm
at 2 MHz and remains constant from 2 MHz to DC
30 - 8000 MHz
38 dBm
DC voltage @ RF Ports
±7V
DC pass-through current
80mA
Permanent damage may occur if any of these limits are exceeded. Operating in the range
between operating power limits and absolute maximum ratings for extended periods of time may
result in reduced life and reliability.
Electrical Specifications @ 0 to 50°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com