Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-2SP2T-DCH Datasheet(PDF) 5 Page - Mini-Circuits

Part # USB-2SP2T-DCH
Description  USB RF-SPDT Switch Matrix
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

USB-2SP2T-DCH Datasheet(HTML) 5 Page - Mini-Circuits

  USB-2SP2T-DCH Datasheet HTML 1Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 2Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 3Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 4Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 5Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 6Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 7Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
USB-2SP2T-DCH
USB RF SPDT Switch Matrix
Typical Performance Curves
0.5
0.8
1.1
1.4
1.7
2.0
0
2000
4000
6000
8000
Frequency (MHz)
Insertion Loss over Temp.
@ 0°C
@ +25°C
@ +50°C
0.5
0.8
1.1
1.4
1.7
2.0
0
2000
4000
6000
8000
Frequency (MHz)
Insertion Loss of all switches in module
vs. Frequency
A1 - COM A
A2 - COM A
B1 - COM B
B2 - COM B
Frequency (MHz)
Frequency (MHz)
1.0
1.2
1.4
1.6
1.8
2.0
0
2000
4000
6000
8000
Frequency (MHz)
Active Port VSWR over Temp.
@ 0°C
@ +25°C
@ +50°C
Frequency (MHz)
1.0
1.2
1.4
1.6
1.8
2.0
0
2000
4000
6000
8000
Frequency (MHz)
Common Port VSWR over Temp.
@ 0°C
@ +25°C
@ +50°C
Frequency (MHz)
1.0
1.2
1.4
1.6
1.8
2.0
0
2000
4000
6000
8000
Frequency (MHz)
Internal Term. VSWR over Temp.
@ 0°C
@ +25°C
@ +50°C
0.5
0.8
1.1
1.4
1.7
2.0
0
2000
4000
6000
8000
Frequency (MHz)
Insertion Loss with DC Bias at COM Port.
DC=-7V
DC=0V
DC=+7V
Frequency (MHz)
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com