Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-2SP2T-DCH Datasheet(PDF) 8 Page - Mini-Circuits

Part # USB-2SP2T-DCH
Description  USB RF-SPDT Switch Matrix
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

USB-2SP2T-DCH Datasheet(HTML) 8 Page - Mini-Circuits

  USB-2SP2T-DCH Datasheet HTML 1Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 2Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 3Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 4Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 5Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 6Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 7Page - Mini-Circuits USB-2SP2T-DCH Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8 of 8
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
USB-2SP2T-DCH
USB RF SPDT Switch Matrix
Ordering, Pricing & Availability Information see our web site
Model
Description
USB-2SP2T-DCH
USB RF SPDT Switch matrix
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this
specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and
measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”);
Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies
thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Optional Accessories
Description
MUSB-CBL-3+ (Spare)
2.6 ft (0.8 m) USB Cable: USB type A(Male) to USB type Mini-B(Male)
MUSB-CBL-7+
6.6 ft (2.0 m) USB Cable: USB type A(Male) to USB type Mini-B(Male)
Included Accessories
Part No.
Description
MUSB-CBL-3+
2.6 ft (0.8 m) USB Cable: USB type A(Male) to USB
type Mini-B(Male)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com