Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP6501A Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6501A
Description  8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6501A Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6501A Datasheet HTML 1Page - Monolithic Power Systems MP6501A Datasheet HTML 2Page - Monolithic Power Systems MP6501A Datasheet HTML 3Page - Monolithic Power Systems MP6501A Datasheet HTML 4Page - Monolithic Power Systems MP6501A Datasheet HTML 5Page - Monolithic Power Systems MP6501A Datasheet HTML 6Page - Monolithic Power Systems MP6501A Datasheet HTML 7Page - Monolithic Power Systems MP6501A Datasheet HTML 8Page - Monolithic Power Systems MP6501A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MP6501A – 35V, 2.5A MICROSTEPPING MOTOR DRIVER WITH INTEGRATED FETS
MP6501A Rev. 1.11
www.MonolithicPower.com
5
8/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN=24V, TA = +25°C, unless otherwise noted.
Current Control
Constant Off Time
tOFF
Rt=200kΩ
20
30
40
µs
Blanking time
t
BLANK
2
µs
Crossover Dead Time
tDT
HS off to LS on or LS off to
HS on for one bridge arm
400
ns
VREF Input Current
IREF
VREF=3.3V
3.5
µA
SENx Trip Voltage
VTRIP
VREF=3.3V,
100%
(no
switch in test mode)
600
645
700
mV
Current Trip Accuracy
∆ITRIP
VREF=3.3V, 70%-100%
-5
5
%
VREF=3.3V, 38%-64%
-10
10
%
VREF=3.3V, 19%-30%
-15
15
%
VREF=3.3V, <10%
-20
20
%
Charge Pump Frequency
fCP
525
kHz
Notes:
5) Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com