Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP6501A Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6501A
Description  8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6501A Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6501A Datasheet HTML 5Page - Monolithic Power Systems MP6501A Datasheet HTML 6Page - Monolithic Power Systems MP6501A Datasheet HTML 7Page - Monolithic Power Systems MP6501A Datasheet HTML 8Page - Monolithic Power Systems MP6501A Datasheet HTML 9Page - Monolithic Power Systems MP6501A Datasheet HTML 10Page - Monolithic Power Systems MP6501A Datasheet HTML 11Page - Monolithic Power Systems MP6501A Datasheet HTML 12Page - Monolithic Power Systems MP6501A Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MP6501A – 35V, 2.5A MICROSTEPPING MOTOR DRIVER WITH INTEGRATED FETS
MP6501A Rev. 1.11
www.MonolithicPower.com
9
8/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
CPA
Charge Pump Capacitor. Connect a 100nF ceramic capacitor between these pins.
The capacitor needs to be rated for at least the voltage applied to VIN.
2
CPB
3
VCP
Charge Pump Output. Requires a 1uF 16V ceramic capacitor to VIN.
4,13
VIN
Input Supply Voltage. Both VIN pins must be connected to the same supply.
5
AOUT1
Bridge A Output Terminal 1.
6,7
SENA
Bridge A Sense Resistor Connector. Connect to current sensor resistor for bridge A.
8
AOUT2
Bridge A Output Terminal 2.
9
BOUT2
Bridge B Output Terminal 2.
10,11
SENB
Bridge B Sense Resistor Connector. Connect to current sensor resistor for bridge B.
12
BOUT1
Bridge B Output Terminal 1.
14
nSLEEP
Sleep Mode Input. Logic low to enter low-power sleep mode. Internal pull down.
15
VG
Low Side MOSFETs Gate Driver. Decouple with a 1uF 16V ceramic capacitor to
GND.
16
nRSET
Reset Input. Logic low initializes the translator and control logic circuit. Internal pull
down.
17
nENBL
Enable Input. Logic high to disable the bridge outputs and translator operation, logic
low to enable. Internal pull down.
18
MS3
Mode Select. See ”Microstep Select” below for details. MS1-MS3 sets the step mode
– full-, half-, quarter-, or eighth- step. Internal pull down.
19
MS2
20
MS1
21
DIR
Direction Input. Logic level sets direction of rotation. Internal pull down.
22
STEP
Step Input. Rising edge sequences the translator and advances the motor one
increment. Internal pull down.
23
nFAULT
Fault Indication. Open-drain output type, logic low when in fault condition (OCP, OTP,
OVP).
24
nHOME
Home Position. Open-drain output type, logic low when at home state of step table.
25
ROSC
Constant Off Time Setting Input. Connect a resistor to GND.
26
MDS
Mixed Decay Setting. See “Decay Modes” below for details.
27
VREF
Reference Voltage Input. Voltage applied to this pin defines the current through the
motor. Can be connected to 3P3VOUT.
28
3P3VOUT
3.3V Regulator Output. Decouple with a 0.47μF 6.3V ceramic capacitor to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com