Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP6501A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6501A
Description  8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6501A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6501A Datasheet HTML 1Page - Monolithic Power Systems MP6501A Datasheet HTML 2Page - Monolithic Power Systems MP6501A Datasheet HTML 3Page - Monolithic Power Systems MP6501A Datasheet HTML 4Page - Monolithic Power Systems MP6501A Datasheet HTML 5Page - Monolithic Power Systems MP6501A Datasheet HTML 6Page - Monolithic Power Systems MP6501A Datasheet HTML 7Page - Monolithic Power Systems MP6501A Datasheet HTML 8Page - Monolithic Power Systems MP6501A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP6501A
8V to 35V, 2.5A Stepper Motor Driver
with Integrated MOSFETs
MP6501A Rev. 1.11
www.MonolithicPower.com
1
8/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6501A is a stepper motor driver with a
built-in micro stepping translator. It operates
from a supply voltage of up to 35V and can
deliver motor current up to 2.5A. The MP6501A
can operate a bipolar stepper motor in full-,
half-, quarter-, and eighth- step modes. Internal
safety features include over-current protection,
input
over-voltage
protection,
UVLO
and
thermal shutdown. The part has a fixed 3.3V
reference output, which allows it to operate
without any control power supply and work with
any microcontroller. Ron of the switches is as
low as 220mΩ. Current sensing is done by
external resistors.
The MP6501A comes in a space-saving
TSSOP-28 package with exposed thermal pad.
FEATURES
 Wide 8V to 35V Input Voltage Range
 Two Internal Full Bridge PWM Converters
 Low On Resistance(HS:220mΩ; LS:220mΩ)
 No Control Power Supply Required
 Simple Logic Interface
 3.3 and 5 V Compatible Logic Supply
 Full-, Half-, Quarter-, and Eighth- Step
Functionality
 2.5A Maximum Output Current
 Adjustable Mixed Decay Ratio
 Over-Current Protection
 Input OVP Function
 Thermal Shutdown and UVLO Protection
 Space-saving TSSOP-28 EP Package
 Fault Indication Output
APPLICATIONS
 Bipolar Stepper Motors
 Printers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP6501A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP6501A TOSHIBA-MP6501A Datasheet
243Kb / 5P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
logo
Monolithic Power System...
MP6501AGF MPS-MP6501AGF Datasheet
504Kb / 10P
2.5A, 35V Bipolar Stepper Motor Driver Evaluation Kit
More results

Similar Description - MP6501A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6501AGF-00B MPS-EV6501AGF-00B Datasheet
504Kb / 10P
2.5A, 35V Bipolar Stepper Motor Driver Evaluation Kit
MP6500 MPS-MP6500 Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6504 MPS-MP6504 Datasheet
899Kb / 16P
8V to 32V, 2A, Stepper Motor Driver with Integrated MOSFETs
MP6507 MPS-MP6507 Datasheet
551Kb / 18P
2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
MP6508 MPS-MP6508 Datasheet
1Mb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6509 MPS-MP6509 Datasheet
575Kb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6518 MPS-MP6518 Datasheet
1Mb / 16P
35V, 1.5A Stepper Motor Driver with Integrated MOSFETs
MP6520 MPS-MP6520 Datasheet
749Kb / 15P
8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
MP6600 MPS-MP6600 Datasheet
979Kb / 18P
35V, 1.5A, Stepper Motor Driver
MP6601 MPS-MP6601 Datasheet
414Kb / 14P
35V, 2.5A, Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com