Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD8513 Datasheet(PDF) 68 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 68 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 64Page - Infineon Technologies AG AMD8513 Datasheet HTML 65Page - Infineon Technologies AG AMD8513 Datasheet HTML 66Page - Infineon Technologies AG AMD8513 Datasheet HTML 67Page - Infineon Technologies AG AMD8513 Datasheet HTML 68Page - Infineon Technologies AG AMD8513 Datasheet HTML 69Page - Infineon Technologies AG AMD8513 Datasheet HTML 70Page - Infineon Technologies AG AMD8513 Datasheet HTML 71Page - Infineon Technologies AG AMD8513 Datasheet HTML 72Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
ADM8513
Data Sheet
Registers Description
Data Sheet
68
Rev. 1.21, 2005-12-05
2. Reset the registers to their default values. Note that this does not affect registers 20, 22, 30 or 31. These
registers are not reset by this bit to allow test configurations to be written and then not affected by resetting the
port.
Note: No reset is performed to analogue sections of the port. There is also no physical reset to any internal
clock synthesisers or the local clock recovery oscillator which will continue to run throughout the reset period.
However since the port is restarted and autoneg re-run the process of locking the frequency of the local
oscillator (slave) to the reference oscillator (master) will be repeated as it is at the start of any link initialization
process.
LoopbackLoop back of transmit data to receive via a path as closed to the wire as possible. When set inhibits
actual transmission on the wire.
Speed SelectionForces speed of Phy only when auto-negotiation is disabled. The default state of this bit will be
determined by a power-up configuration pin in this case. Otherwise it defaults to 1.
Auto-neg EnableDefaults to pin programmed value. When cleared allows forcing of speed and duplex settings.
When set (after being cleared) causes re-start of auto-neg process. Pin programming at power-up allows it to
come up disabled and for software to write the desired capability before allowing the first negotiation to commence.
Restart NegotiationOnly has effect when auto-negotiating. Restarts state machine.
Power DownHas no effect in this device. Test mode power down modes may be implemented in other specific
modules.
IsolatePuts RMII receive signals into high impedance state and ignores transmit signals.
Duplex ModeWhen bit12 is cleared (i.e. autoneg disabled), this bit forces full duplex (bit = 1) or half duplex (bit =
0).
Collision TestAlways 0 because collision signal is not implemented.
Status
STA
Offset
Reset Value
Status
1H
7849H
Field
Bits
Type
Description
100T4
15
ro
100 BASE T4
Not supported
100FD
14
ro
100BASE-X Full Duplex
0B
100FDN, PHY is not 100BASE-X full duplex capable
1B
100FD, PHY is 100BASE-X full duplex capable
100HD
13
ro
100BASE-X Half Duplex
0B
100HDN, PHY is not 100BASE-X half duplex capable
1B
100HD, PHY is 100BASE-X half duplex capable
10FD
12
ro
10 Mbit/s Full Duplex
0B
10FDN, PHY is not 10 Mbit/s Full duplex capable
1B
10FD, PHY is 10 Mbit/s Full duplex capable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com