Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD8513 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 7Page - Infineon Technologies AG AMD8513 Datasheet HTML 8Page - Infineon Technologies AG AMD8513 Datasheet HTML 9Page - Infineon Technologies AG AMD8513 Datasheet HTML 10Page - Infineon Technologies AG AMD8513 Datasheet HTML 11Page - Infineon Technologies AG AMD8513 Datasheet HTML 12Page - Infineon Technologies AG AMD8513 Datasheet HTML 13Page - Infineon Technologies AG AMD8513 Datasheet HTML 14Page - Infineon Technologies AG AMD8513 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
Data Sheet
11
Rev. 1.21, 2005-12-05
ADM8513
Data Sheet
Interface Description
2
Interface Description
2.1
Pin Assignment Diagram
Pin Diagram ADM8513/X.
Figure 1
Pin Diagram
2.2
Pin Description by Function
Table 1
Abbreviations for Pin Type
Abbreviations
Description
I
Standard input-only pin. Digital levels.
O
Output. Digital levels.
I/O
I/O is a bidirectional input/output signal.
AI
Input. Analog levels.
AO
Output. Analog levels.
AI/O
Input or Output. Analog levels.
PWR
Power
GND
Ground
MCL
Must be connected to Low (JEDEC Standard)
MCH
Must be connected to High (JEDEC Standard)
48 47 46 45 44 43 42 41 40 39 38 37
VDD33
1
36
RXIP
EECS
235
RXIN
EESK
3
34
VAAR
EEDI
4
33
LED0
EEDO
532
LED1
VDD33
6
31
LED2
Vss
7
30
Vss
GPIO1
829
VDD33
GPIO0
9
28
GPIO5
POREN#
10
27
GPIO4
NC
11
26
GPIO3
Vss
12
25
Vss
13 14 15 16 17 18 19 20 21 22 23 24
ADM8513
rev. 1.0a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com