Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD8513 Datasheet(PDF) 82 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 82 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 78Page - Infineon Technologies AG AMD8513 Datasheet HTML 79Page - Infineon Technologies AG AMD8513 Datasheet HTML 80Page - Infineon Technologies AG AMD8513 Datasheet HTML 81Page - Infineon Technologies AG AMD8513 Datasheet HTML 82Page - Infineon Technologies AG AMD8513 Datasheet HTML 83Page - Infineon Technologies AG AMD8513 Datasheet HTML 84Page - Infineon Technologies AG AMD8513 Datasheet HTML 85Page - Infineon Technologies AG AMD8513 Datasheet HTML 86Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
ADM8513
Data Sheet
Package
Data Sheet
82
Rev. 1.21, 2005-12-05
Table 84
Dimensions for 48 Pin LQFP Package
Symbol
Millimeter (mm)
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
–
–
1.60
–
–
0.063
A1
0.05
–
0.15
0.002
–
0.006
A2
1.35
1.40
1.45
0.053
0.005
0.057
D
9.00 BSC.
0.354 BSC.
D1
7.00 BSC
0.276 BSC.
E
9.00 BSC
0.354 BSC.
E1
7.00 BSC
0.276 BSC.
R2
0.08
–
0.20
0.003
–
0.008
R1
0.08
–
–
0.003
–
–
Θ
0°
3.5°
7°
0°
3.5°
7°
Θ
1
0°
–
–
0°
–
–
Θ
2
11°
12°
13°
11°
12°
13°
Θ
3
11°
12°
13°
11°
12°
13°
c
0.09
–
0.20
0.004
–
0.008
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00 Ref.
0.039 Ref.
S
0.20
–
–
0.008
–
–
32L
b
0.30
0.35
0.45
0.0012
0.0014
0.018
e
0.80 BSC.
0.031 BSC.
D2
5.60
0.220
E2
5.60
0.220
Tolerance of Form and Position
aaa
0.20
0.008
bbb
0.20
0.008
ccc
0.10
0.003
ddd
0.20
0.008
34L
b
0.17
0.20
0.27
0.007
0.008
0.011
e
0.50 BSC.
0.020 BSC.
D2
5.00
0.197
E2
5.00
0.197
Tolerance of Form and Position
aaa
0.20
0.008
bbb
0.20
0.008
ccc
0.08
0.003
ddd
0.08
0.003
48L
b
0.17
0.20
0.27
0.007
0.008
0.011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com