Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8014IRZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL8014IRZ
Description  4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8014IRZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL8014IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ISL8014
FN6576 Rev 4.00
Page 13 of 17
November 23, 2009
Short-Circuit Protection
The short-circuit protection SCP comparator monitors the
VFB pin voltage for output short-circuit protection. When
the VFB is lower than 0.2V, the SCP comparator forces
the PWM oscillator frequency to drop to 1/3 of the normal
operation value. This comparator is effective during
start-up or an output short-circuit event.
PG
During power-up, the open-drain power good output
holds low for about 1ms after VOUT reaches the
regulation voltage. The PG output also serves as a 1ms
delayed the Power Good signal when the pull-up resistor
R1 is installed.
Soft Start-Up
The soft-start-up reduces the inrush current during the
start-up. The soft-start block outputs a ramp reference to
the input of the error amplifier. This voltage ramp limits
the inductor current as well as the output voltage speed
so that the output voltage rises in a controlled fashion.
When VFB is less than 0.2V at the beginning of the
soft-start, the switching frequency is reduced to 1/3 of
the nominal value so that the output can start up
smoothly at light load condition. During soft-start, the IC
operates in the SKIP mode to support pre-biased output
condition.
UVLO
When the input voltage is below the undervoltage lock-
out (UVLO) threshold, the regulator is disabled. To adjust
the voltage level of power on and UVLO, use a resistive
divider across EN. The input voltage programming
resistor R4 will depend on on the bottom resistor R5, as
referred to in Figure 38. The value of R5 is typically
between 10k and 100k.
Enable
The enable (EN) input allows the user to control the
turning on or off the regulator for purposes such as
power-up sequencing. When the regulator is enabled,
there is typically a 600µs delay for waking up the
bandgap reference and then the soft-start-up begins. It
is recommended that the EN voltage should be kept logic
low (less than 400mV), until VIN reaches 2.5V. Refer to
Figures 38 and 39 for suggested circuit implementation
with VIN slew rate.
Let T equal the rise time of VIN. Select the ratio of R5 and
R4 such that the voltage is 1.4V (minimum enable logic
high threshold) when VIN is equal to or greater than
2.5V. Set R5 between 10k to 100k, and use Equation 1
to determine R4:
Where VIN is greater than or equal to 2.5V.
Then select C such that the equivalent time constant is at
least 2x the rise time, T. This will delay the EN voltage
enough so that the overall EN voltage is less than 400mV
by the time VIN reaches 2.5V. Use Equation 2 to get C:
Where T is the rise time of VIN
As an example, let VIN = 5V with rise time, T = 10ms.
Then R4 = 56.2k, R5 = 71.5k, and C = 0.68µF are
used to insure that VIN was >2.5V and the EN voltage
was <400mV.
Discharge Mode (Soft-Stop)
When a transition to shutdown mode occurs or the VIN
UVLO is set, the outputs discharge to GND through an
internal 100 switch.
Power MOSFETs
The power MOSFETs are optimized for best efficiency.
The ON-resistance for the P-MOSFET is typically 50m
and the ON-resistance for the N-MOSFET is typically
50m.
100% Duty Cycle
The ISL8014 features 100% duty cycle operation to
maximize the battery life. When the battery voltage
drops to a level that the ISL8014 can no longer maintain
the regulation at the output, the regulator completely
turns on the P-MOSFET. The maximum dropout voltage
under the 100% duty-cycle operation is the product of
the load current and the ON-resistance of the P-MOSFET.
R4
R5
1V
EN
VIN
FIGURE 38. EXTERNAL RESISTOR DIVIDER
C
FIGURE 39. CIRCUIT IMPLEMENTATION WITH VIN
SLEW RATE
VIN
EN
<400mV
2.5V
T
t (TIME)
R4
R5 VIN 1.4V
–

1.4V
---------------------------------------------
=
(EQ. 1)
C
2T
R4 R5

--------------------
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com