Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8014IRZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL8014IRZ
Description  4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8014IRZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL8014IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ISL8014
FN6576 Rev 4.00
Page 14 of 17
November 23, 2009
Thermal Shut-Down
The ISL8014 has built-in thermal protection. When the
internal temperature reaches +140°C, the regulator is
completely shut down. As the temperature drops to
+115°C, the ISL8014 resumes operation by stepping
through the soft-start.
Applications Information
Output Inductor and Capacitor Selection
To consider steady state and transient operations,
ISL8014 typically uses a 1.5µH output inductor. The
higher or lower inductor value can be used to optimize
the total converter system performance. For example, for
higher output voltage 3.3V application, in order to
decrease the inductor current ripple and output voltage
ripple, the output inductor value can be increased. It is
recommended to set the ripple inductor current
approximately 30% of the maximum output current for
optimized performance. The inductor ripple current can
be expressed as shown in Equation 3:
The inductor’s saturation current rating needs to be at
least larger than the peak current. The ISL8014 protects
the typical peak current 6A. The saturation current needs
be over 7A for maximum output current application.
ISL8014 uses internal compensation network and the
output capacitor value is dependent on the output
voltage. The ceramic capacitor is recommended to be
X5R or X7R. The recommended X5R or X7R minimum
output capacitor values are shown in Table 1.
In Table 1, the minimum output capacitor value is given
for the different output voltage to make sure that the
whole converter system is stable. Additional output
capacitance should be added for better performances in
applications where high load transient or low output
ripple is required. It is recommended to check the
system level performance along with the simulation
model.
Output Voltage Selection
The output voltage of the regulator can be programmed
via an external resistor divider that is used to scale the
output voltage relative to the internal reference voltage
and feed it back to the inverting input of the error
amplifier. Refer to Figure 1.
The output voltage programming resistor, R3, will depend
on the value chosen for the feedback resistor and the
desired output voltage of the regulator. The value for the
feedback resistor is typically between 10k and 100k
as shown in Equation 4.
If the output voltage desired is 0.8V, then R3 is left
unpopulated and R2 is shorted. There is a leakage
current from VIN to LX. It is recommended to preload the
output with 10µA minimum. For better performance, add
47pF in parallel with R2 (100k
Input Capacitor Selection
The main functions for the input capacitor are to provide
decoupling of the parasitic inductance and to provide
filtering function to prevent the switching current flowing
back to the battery rail. Two 22µF X5R or X7R ceramic
capacitors are a good starting point for the input
capacitor selection.
TABLE 1. OUTPUT CAPACITOR VALUE vs VOUT
VOUT
(V)
COUT
(µF)
L
(µH)
0.8
2 x 22
1.0~2.2
1.2
2 x 22
1.0~2.2
1.5
2 x 22
1.5~3.3
1.8
2 x 22
1.5~3.3
2.5
2 x 22
1.5~3.3
3.3
2 x 22
2.2~4.7
3.6
2 x 22
2.2~4.7
I
VO 1
VO
VIN
---------
–



LfS
-------------------------------------
=
(EQ. 3)
R3
R2 0.8V
VOUT 0.8V
–
----------------------------------
=
(EQ. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com