Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8014IRZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL8014IRZ
Description  4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8014IRZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL8014IRZ Datasheet HTML 1Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 2Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 3Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL8014IRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ISL8014
FN6576 Rev 4.00
Page 2 of 17
November 23, 2009
Pin Configuration
ISL8014
(16 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL8014IRZ
80 14IRZ
-40 to +85
16 Ld 4x4 QFN
L16.4x4
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL8014. For more information on MSL please see
techbrief TB363.
1
3
4
15
VIN
VIN
VDD
SYNCH
16
14 13
2
12
10
9
11
6
57
8
PGND
PGND
SGND
SGND
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1, 2
VIN
Input supply voltage. Connect a 10µF ceramic capacitor to power ground.
3
VDD
Input supply voltage for the analog circuitry. Connect to VIN pin.
5
EN
Regulator enable pin. Keep the EN voltage low in disabled state until VIN settles or is
above 2.5V. Enable the output when driven to high. Shut down the chip and discharge
output capacitor when driven to low. Do not connect directly to VIN or leave this pin
floating.
7
PG
1ms timer output. At power-up or EN HI, this output is a 1ms delayed Power-Good signal
for the output voltage.
4
SYNCH
Mode Selection pin. Connect to logic high or input voltage VDD for PWM mode. Connect
to logic low or ground for PFM mode. Connect to an external function generator for
synchronization with the negative edge trigger. Do not leave this pin floating.
14, 15
LX
Switching node connection. Connect to one terminal of the inductor.
11, 12
PGND
Power ground
9, 10
SGND
Signal ground.
8
VFB
Buck regulator output feedback. Connect to the output through a resistor divider for
adjustable output voltage. For 0.8V output voltage, connect this pin to the output.
6, 13, 16
NC
No connect.
-
Exposed Pad
The exposed pad must be connected to the SGND pin for proper electrical performance.
Place as much vias as possible under the pad connecting to SGND plane for optimal
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com