Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8014AEVAL2Z Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL8014AEVAL2Z
Description  4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8014AEVAL2Z Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL8014AEVAL2Z Datasheet HTML 1Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 2Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 3Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 4Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ISL8014A
FN7525 Rev 2.00
Page 5 of 16
December 16, 2014
N-Channel MOSFET ON-resistance
VIN = 5V, IO = 200mA
-
50
75
mΩ
VIN = 2.8V, IO = 200mA
-
70
100
mΩ
LX Maximum Duty Cycle
-
100
-
%
PWM Switching Frequency
fSW
0.80
1.0
1.20
MHz
LX Minimum On-time
SYNCH = High
-
-
140
ns
PG
Output Low Voltage
Sinking 1mA
-
-
0.3
V
Delay Time (Rising Edge)
0.65
1
1.35
ms
PG Pin Leakage Current
PG = VIN = 3.6V
-
0.01
0.1
µA
PGOOD Rising Threshold
Percentage of regulation voltage
89
92
95
%
PGOOD Falling Threshold
Percentage of regulation voltage
85
88
91
%
PGOOD Delay Time (Falling Edge)
-
15
-
µs
EN, SYNCH
Logic Input Low
-
-
0.4
V
Logic Input High
1.4
-
-
V
Synch Logic Input Leakage Current
ISYNCH
Pulled up to 5.5V
-
0.1
1
µA
Enable Logic Input Leakage Current
IEN
-
0.1
1
µA
Thermal Shutdown
-
140
-
°C
Thermal Shutdown Hysteresis
-
25
-
°C
NOTES:
6. Limits established by characterization and are not production tested.
7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications Unless otherwise noted, all parameter limits are established across the recommended operating conditions and
the typical specification are measured at the following conditions unless otherwise noted: TA = -40°C to +85°C, VIN = 3.6V, EN = VDD. Typical values are
at TA = +25°C. Boldface limits apply across the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com