Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8014AEVAL2Z Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL8014AEVAL2Z
Description  4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8014AEVAL2Z Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL8014AEVAL2Z Datasheet HTML 1Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 2Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 3Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 4Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN7525 Rev 2.00
Page 1 of 16
December 16, 2014
FN7525
Rev 2.00
December 16, 2014
ISL8014A
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
DATASHEET
The ISL8014A is a high efficiency, monolithic, synchronous
step-down DC/DC converter that can deliver up to 4A
continuous output current from a 2.8V to 5.5V input supply. It
uses a current control architecture to deliver very low duty
cycle operation at high frequency with fast transient response
and excellent loop stability.
The ISL8014A integrates a pair of low ON-resistance P-Channel
and N-Channel internal MOSFETs to maximize efficiency and
minimize external component count. The 100% duty-cycle
operation allows less than 400mV dropout voltage at 4A
output current. High 1MHz pulse-width modulation (PWM)
switching frequency allows the for use of small external
components and the SYNC input enables multiple ICs to
synchronize out-of-phase to reduce ripple and eliminate beat
frequencies.
The ISL8014A can be configured for discontinuous or forced
continuous operation at light load. Forced continuous
operation reduces noise and RF interference while
discontinuous mode provides high efficiency by reducing
switching losses at light loads.
Fault protection is provided by internal hiccup mode current
limiting during short circuit and overcurrent conditions, an
output overvoltage comparator and over-temperature monitor
circuit. A power-good output voltage monitor indicates when
the output is in regulation.
The ISL8014A is offered in a space saving 4mmx4mm QFN,
lead free package with exposed pad lead frames for low
thermal resistance.
The ISL8014A offers a 1ms power-good (PG) timer at
power-up. When shutdown, ISL8014A discharges the output
capacitor. Other features include internal soft-start, internal
compensation, overcurrent protection, and thermal shutdown.
The ISL8014A is offered in a 16 Ld 4mmx4mm QFN package
with 1mm maximum height. The complete converter occupies
less than 0.4in2 area.
Features
• High efficiency synchronous buck regulator with up to 97%
efficiency
• Power-good (PG) output with a 1ms delay
• 2.8V to 5.5V supply voltage
• 3% output accuracy over-temperature/load/line
•4A output current
• Pin compatible to ISL8013A
• Start-up with prebiased output
• Internal soft-start - 1ms
• Soft-stop output discharge during disabled
• 35µA quiescent supply current in PFM mode
• Selectable forced PWM mode and PFM mode
• External synchronization up to 4MHz
• Less than 1µA logic controlled shutdown current
• 100% maximum duty cycle
• Internal current mode compensation
• Peak current limiting and hiccup mode short-circuit
protection
• Over-temperature protection
• Small 16 Ld 4mmx4mm QFN
• Pb-Free (RoHS compliant)
Applications
• DC/DC POL modules
• µC/µP, FPGA and DSP power
• Plug-in DC/DC modules for routers and switchers
•Portable instruments
• Test and measurement systems
• Li-ion battery powered devices
• Small form factor (SFP) modules
• Barcode readers


Similar Part No. - ISL8014AEVAL2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 4, 2009
ISL8014AIRZ INTERSIL-ISL8014AIRZ Datasheet
1Mb / 15P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 4, 2009
More results

Similar Description - ISL8014AEVAL2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 20, 2007
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 4, 2009
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 25, 2009
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 23, 2009
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 RENESAS-ISL8014 Datasheet
1Mb / 17P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com