Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8014AEVAL2Z Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL8014AEVAL2Z
Description  4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8014AEVAL2Z Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL8014AEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 12Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 13Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 14Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 15Page - Renesas Technology Corp ISL8014AEVAL2Z Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ISL8014A
FN7525 Rev 2.00
Page 14 of 16
December 16, 2014
As an example, let VIN = 5V with rise time, T = 10ms. Then
R4 =56.2kΩ, R5 = 71.5kΩ, and C = 0.68µF are used to insure
that VIN was >2.5V and the EN voltage was <400mV.
Discharge Mode (Soft-stop)
When a transition to shutdown mode occurs or the VIN UVLO is
set, the outputs discharge to GND through an internal 100Ω
switch.
Power MOSFETs
The power MOSFETs are optimized for best efficiency. The
ON-resistance for the P-MOSFET is typically 50mΩ and the
ON-resistance for the N-MOSFET is typically 50mΩ.
100% Duty Cycle
The ISL8014A features 100% duty cycle operation to maximize
the battery life. When the battery voltage drops to a level that the
ISL8014A can no longer maintain the regulation at the output,
the regulator completely turns on the P-MOSFET. The maximum
dropout voltage under the 100% duty-cycle operation is the
product of the load current and the ON-resistance of the
P-MOSFET.
Thermal Shut-Down
The ISL8014A has built-in thermal protection. When the internal
temperature reaches +140°C, the regulator is completely shut
down. As the temperature drops to +115°C, the ISL8014A
resumes operation by stepping through the soft-start.
Applications Information
Output Inductor and Capacitor Selection
To consider steady state and transient operations, ISL8014A
typically uses a 1.5µH output inductor. The higher or lower
inductor value can be used to optimize the total converter system
performance. For example, for higher output voltage 3.3V
application, in order to decrease the inductor current ripple and
output voltage ripple, the output inductor value can be increased.
It is recommended to set the ripple inductor current
approximately 30% of the maximum output current for optimized
performance. The inductor ripple current can be expressed as
shown in Equation 3:
The inductor’s saturation current rating needs to be at least
larger than the peak current. The ISL8014A protects the typical
peak current 6A. The saturation current needs be over 7A for
maximum output current application.
ISL8014A uses internal compensation network and the output
capacitor value is dependent on the output voltage. The ceramic
capacitor is recommended to be X5R or X7R. The recommended
X5R or X7R minimum output capacitor values are shown in
Table 1.
Table 1 shows the minimum output capacitor value is given for
the different output voltage to make sure that the whole
converter system is stable. Additional output capacitance should
be added for better performances in applications where high
load transient or low output ripple is required. It is recommended
to check the system level performance along with the simulation
model.
Output Voltage Selection
The output voltage of the regulator can be programmed via an
external resistor divider that is used to scale the output voltage
relative to the internal reference voltage and feed it back to the
inverting input of the error amplifier. Refer to the “Typical
Application” on page 3.
The output voltage programming resistor, R3, will depend on the
value chosen for the feedback resistor and the desired output
voltage of the regulator. The value for the feedback resistor is
typically between 10kΩ and 100kΩ
as shown in Equation 4.
If the output voltage desired is 0.8V, then R3 is left unpopulated
and R2 is shorted. There is a leakage current from VIN to LX. It is
recommended to preload the output with 10µA minimum. For
better performance, add 47pF in parallel with R2 (100kΩ
Input Capacitor Selection
The main functions for the input capacitor are to provide
decoupling of the parasitic inductance and to provide filtering
function to prevent the switching current flowing back to the
battery rail. Two 22µF X5R or X7R ceramic capacitors are a good
starting point for the input capacitor selection.
I
VO 1
VO
VIN
---------
–



LfS
-------------------------------------
=
(EQ. 3)
TABLE 1. OUTPUT CAPACITOR VALUE vs VOUT
VOUT
(V)
COUT
(µF)
L
(µH)
0.8
2 x 22
1.0~2.2
1.2
2 x 22
1.0~2.2
1.5
2 x 22
1.5~3.3
1.8
2 x 22
1.5~3.3
2.5
2 x 22
1.5~3.3
3.3
2 x 22
2.2~4.7
3.6
2 x 22
2.2~4.7
R3
R2 0.8V
VOUT 0.8V
–
----------------------------------
=
(EQ. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com