Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMV2000 Datasheet(PDF) 25 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 25 Page - ams AG

Back Button CMV2000 Datasheet HTML 21Page - ams AG CMV2000 Datasheet HTML 22Page - ams AG CMV2000 Datasheet HTML 23Page - ams AG CMV2000 Datasheet HTML 24Page - ams AG CMV2000 Datasheet HTML 25Page - ams AG CMV2000 Datasheet HTML 26Page - ams AG CMV2000 Datasheet HTML 27Page - ams AG CMV2000 Datasheet HTML 28Page - ams AG CMV2000 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 24 of 63
© 2015 CMOSIS bvba
4.4.2 8 OUTPUTS
When only 8 outputs are used, the pixel data is placed on the outputs as detailed in Figure 27. 8 bursts of 128 pixels
happen in parallel on the data outputs. This means that one complete row is read out in two bursts. The time needed
to read out one row is doubled compared to when 16 outputs are used. Channel 2, 4, 6…16 are not being used in this
mode, so they can be turned off by setting the correct bits in the register with addresses 80-82. Turning off these
channels will reduce the power consumption of the chip.
The amount of rows that will be read out can be set in the register. By default 1088 rows are read out.
IDLE
Pixel 0 to 127
Channel 1
IDLE
Pixel 128 to 255
Channel 3
IDLE
Pixel 256 to 383
Channel 5
IDLE
Pixel 1792 to 1919
Channel 13
IDLE
Pixel 1536 to 1663
Channel 15
Row 1
Pixel 384 to 511
Pixel 512 to 639
Pixel 1664 to 1791
Pixel 1920 to 2047
Pixel 640 to 767
FIGURE 27: PIXEL REMAPPING FOR 8 OUTPUT CHANNELS
4.4.3 4 OUTPUTS
When only 4 outputs are used, the pixel data is placed on the outputs as detailed in Figure 28. 4 bursts of 128 pixels
happen in parallel on the data outputs. This means that one complete row is read out in four bursts. The time needed
to read out one row is 4x longer compared to when 16 outputs are used. Only channel 1, 5, 9 and 13 are being used in
this mode, so the remaining channels can be turned off by setting the correct bits in the register with addresses 80-82.
Turning off these channels will reduce the power consumption of the chip.
The amount of rows that will be read out can be set in the register. By default 1088 rows are read out.
IDLE
Pixel 0 to 127
Channel 1
IDLE
Pixel 128 to 255
Channel 5
IDLE
Pixel 256 to 383
Channel 9
IDLE
Channel 13
Pixel 1536 to 1663
Row 1
Pixel 384 to 511
Pixel 512 to 639
Pixel 1664 to 1791
Pixel 640 to 767
Pixel 768 to 895
Pixel 896 to 1023
Pixel 1024 to 1151
Pixel 1152 to 1279
Pixel 1280 to 1407
Pixel 1408 to 1535
Pixel 1792 to 1919
Pixel 1920 to 2047
FIGURE 28: PIXEL REMAPPING FOR 4 OUTPUT CHANNELS
4.4.4 2 OUTPUTS
When only 2 outputs are used, the pixel data is placed on the outputs as detailed in Figure 29. 2 bursts of 128 pixels
happen in parallel on the data outputs. This means that one complete row is read out in 8 bursts. The time needed to
read out one row is 8x longer compared to when 16 outputs are used. Only channel 1 and 9 are being used in this mode,
so the remaining channels can be turned off by setting the correct bits in the register with addresses 80-82. Turning off
these channels will reduce the power consumption of the chip.
The amount of rows that will be read out can be set in the register. By default 1088 rows are read out.
IDLE
Pixel 0 to 127
Channel 1
IDLE
Pixel 128 to 255
Channel 9
Pixel 256 to 383
Pixel 1536 to 1663
Row 1
Pixel 384 to 511
Pixel 512 to 639
Pixel 1664 to 1791
Pixel 640 to 767
Pixel 768 to 895
Pixel 896 to 1023
Pixel 1024 to 1151
Pixel 1152 to 1279
Pixel 1280 to 1407
Pixel 1408 to 1535
Pixel 1792 to 1919
Pixel 1920 to 2047
FIGURE 29: PIXEL REMAPPING FOR 2 OUTPUT CHANNELS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com