Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMV2000 Datasheet(PDF) 34 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 34 Page - ams AG

Back Button CMV2000 Datasheet HTML 30Page - ams AG CMV2000 Datasheet HTML 31Page - ams AG CMV2000 Datasheet HTML 32Page - ams AG CMV2000 Datasheet HTML 33Page - ams AG CMV2000 Datasheet HTML 34Page - ams AG CMV2000 Datasheet HTML 35Page - ams AG CMV2000 Datasheet HTML 36Page - ams AG CMV2000 Datasheet HTML 37Page - ams AG CMV2000 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 33 of 63
© 2015 CMOSIS bvba
5.3 WINDOWING
To limit the amount of data or to increase the frame rate of the sensor, windowing in Y direction is possible. The number
of lines and start address can be set by programming the appropriate registers. The CMV2000 has the possibility to
read-out multiple (max=8) predefined subwindows in one read-out cycle. The default mode is to read-out one window
with the full frame size (2048x1088).
5.3.1 SINGLE WINDOW
When a single window is read out, the start address and size can be uploaded in the corresponding registers.
Windowing – single window
Register name
Register address
Default value
Description of the value
start1
3[7:0]
4[7:0]
0
Defines the start address of the window in Y (min=0,
max=1087)
Number_lines
1[7:0]
2[7:0]
1088
Defines the number of lines read-out by the sensor
(min=1, max=1088)
2048
Number_lines
start1
FIGURE 38: SINGLE WINDOW SETTINGS
5.3.2 MULTIPLE WINDOWS
The CMV2000 can read out a maximum of 8 different subwindows in one read-out cycle. The location and length of
these subwindows must be programmed in the correct registers. The total number of lines to be read-out (sum of all
windows) needs to be specified in the Number_lines register. The registers which need to be programmed for the
multiple windows can be found in the table below. The default values will result in one window with 1088 lines to be
read-out.
Windowing – multiple windows
Register name
Register address
Default value
Description of the value
Number_lines
1[7:0]
2[7:0]
1088
Defines the total number of lines read-out by the sensor
(min=1, max=1088)
start1
3[7:0]
4[7:0]
0
Defines the start address of the first window in Y
(min=0, max=1087)
Number_lines1
19[7:0]
20[7:0]
0
Defines the number of lines of the first window
(min=1, max=1088)
start2
5[7:0]
6[7:0]
0
Defines the start address of the second window in Y
(min=0, max=1087)
Number_lines2
21[7:0]
22[7:0]
0
Defines the number of lines of the second window
(min=1, max=1088)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com