Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMV2000 Datasheet(PDF) 35 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 35 Page - ams AG

Back Button CMV2000 Datasheet HTML 31Page - ams AG CMV2000 Datasheet HTML 32Page - ams AG CMV2000 Datasheet HTML 33Page - ams AG CMV2000 Datasheet HTML 34Page - ams AG CMV2000 Datasheet HTML 35Page - ams AG CMV2000 Datasheet HTML 36Page - ams AG CMV2000 Datasheet HTML 37Page - ams AG CMV2000 Datasheet HTML 38Page - ams AG CMV2000 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 34 of 63
© 2015 CMOSIS bvba
Windowing – multiple windows
Register name
Register address
Default value
Description of the value
start3
7[7:0]
8[7:0]
0
Defines the start address of the third window in Y
(min=0, max=1087)
Number_lines3
23[7:0]
24[7:0]
0
Defines the number of lines of the third window
(min=1, max=1088)
start4
9[7:0]
10[7:0]
0
Defines the start address of the fourth window in Y
(min=0, max=1087)
Number_lines4
25[7:0]
26[7:0]
0
Defines the number of lines of the fourth window
(min=1, max=1088)
start5
11[7:0]
12[7:0]
0
Defines the start address of the fifth window in Y
(min=0, max=1087)
Number_lines5
27[7:0]
28[7:0]
0
Defines the number of lines of the fifth window
(min=1, max=1088)
start6
13[7:0]
14[7:0]
0
Defines the start address of the sixth window in Y
(min=0, max=1087)
Number_lines6
29[7:0]
30[7:0]
0
Defines the number of lines of the sixth window
(min=1, max=1088)
start7
15[7:0]
16[7:0]
0
Defines the start address of the seventh window in Y
(min=0, max=1087)
Number_lines7
31[7:0]
32[7:0]
0
Defines the number of lines of the seventh window
(min=1, max=1088)
start8
17[7:0]
18[7:0]
0
Defines the start address of the eighth window in Y
(min=0, max=1087)
Number_lines8
33[7:0]
34[7:0]
0
Defines the number of lines of the eighth window
(min=1, max=1088)
2048
Number_lines1
start1
Number_lines2
start2
Number_lines3
start3
Number_lines4
start4
Number_lines = Number_lines1 + Number_lines2 + Number_lines3 + Number_lines4
FIGURE 39: EXAMPLE OF 4 MULTIPLE FRAMES READ-OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com