Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8274MEVAL1Z Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # ISL8274MEVAL1Z
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274MEVAL1Z Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button ISL8274MEVAL1Z Datasheet HTML 59Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 60Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 61Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 62Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 63Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 64Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 65Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 66Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 81 page
background image
FN8931 Rev.1.00
Page 63 of 81
Jan 4, 2018
ISL8274M
7. PMBus Commands Description
USER_CONFIG (D1h)
Definition: Configures several user-level features. This command overrides the pin-strap settings.
Data Length in Bytes: 1
Data Format: BIT
Type: R/W
Default Value: 84h (Pin-strap setting for ASCR on Start up; ramp-up and ramp-down minimum duty cycle 0.39%;
minimum duty cycle control enabled; PG is an open-drain output.)
Units: N/A
DDC_CONFIG (D3h)
Definition: Configures DDC addressing and current sharing. The DDC rail ID is set according to the SMBus address.
For current sharing applications, the DDC Phase ID is set according to the number of phases. The device position and
number of devices in the rail can be programmed as needed.
Data Length in Bytes: 2
Data Format: BIT
Type: R/W
Default Value: Pin-strap setting for Rail ID. Phase ID = 0; Phases in rail = 1
Units: N/A
Bit
Field Name
Value
Setting
Description
7
ASCR on for Start
up
0
Disabled
ASCR is disabled for start up. Use this for Current Sharing
mode.
1
Enabled
ASCR is enabled for start up. Use this for Stand Alone
mode.
6:5
Reserved
00
Reserved
4:3
Ramp-up and
Ramp-down
Minimum Duty
Cycle
00
0.39%
Sets the minimum duty-cycle during start-up and shutdown
ramp.
01
0.78%
10
1.17%
11
1.56%
2
Minimum Duty
Cycle Control
0
Disable
Control for minimum duty cycle.
1
Enable
1
Power-good Pin
Configuration
0
Open Drain
0 = PG is an open-drain output.
1
Push-Pull
1 = PG is a push-pull output.
0
Reserved
0
Bit
Field Name
Value
Setting
Description
15:13
Phase ID
0 to 7
Sets the phase ID in a current sharing rail.
12:8
Rail ID
0 to 31 (00 to 1Fh)
Configures DDC rail ID
7:3
Reserved
0
Reserved
Reserved
2:0
Phases in Rail
0 to 7
Identifies the number of phases on the same rail (+1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com