Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8274MEVAL1Z Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # ISL8274MEVAL1Z
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274MEVAL1Z Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button ISL8274MEVAL1Z Datasheet HTML 66Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 67Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 68Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 69Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 70Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 71Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 72Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 73Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
FN8931 Rev.1.00
Page 70 of 81
Jan 4, 2018
ISL8274M
7. PMBus Commands Description
BLANK_PARAMS (EBh)
Definition: Returns a 16-byte string indicating which parameter values were either retrieved by the last RESTORE
operation or have been written since that time. Reading BLANK_PARAMS immediately after a restore operation
allows the user to determine which parameters are stored in that store. A “1” indicates the parameter is not present in
the store and has not been written since the RESTORE operation.
Data Length in Bytes: 16
Data Format: BIT
Type: Block Read
Default Value: FF…FFh
SNAPSHOT_CONTROL (F3h)
Definition: Writing a 01h will cause the device to copy the current Snapshot values from NVRAM to the 32-byte
Snapshot command parameter. Writing a 02h will cause the device to write the current Snapshot values to NVRAM.
Writing a 03h will erase all Snapshot values from NVRAM. Write (02h) and Erase (03h) may only be used when the
device is disabled. All other values will be ignored.
Data Length in Bytes: 1
Data Format: Bit field
Type: R/W byte
RESTORE_FACTORY (F4h)
Definition: Restores the device to the hard coded factory default values and pin-strap definitions. The device retains
the DEFAULT and USER stores for restoring. Security level is changed to Level 1 following this command.
Data Length in Bytes: 0
Data Format: N/A
Type: Send byte
Default Value: N/A
Units: N/A
MFR_VMON_OV_FAULT_LIMIT (F5h)
Definition: Reads the VMON OV fault threshold.
Data Length in Bytes: 2
Data Format: L11
Type: Read only
Default Value: CB00h (6V)
Units: V
Range: 4V to 6V
Value
Description
01h
Read Snapshot values from NV RAM
02h
Write Snapshot values to NV RAM
03h
Erase Snapshot values stored in NV RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com