Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8274MEVAL1Z Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL8274MEVAL1Z
Description  30A/30A Dual-Channel Digital PMBus Step-Down Power Module
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8274MEVAL1Z Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL8274MEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL8274MEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
FN8931 Rev.1.00
Page 2 of 81
Jan 4, 2018
ISL8274M
Figure 1. Application Circuit
Figure 2. Small Package for High Power Density
Note: This figure represents a typical implementation of the ISL8274M. For
PMBus operation, it is recommended to tie the enable pin (EN) to SGND.
VIN
VDD
VR55
VR5
VR
VOUT1
SGND
PGND
VR6
VDRV
SCL
SDA
SALRT
VMON
VCC
VDRV1
VSENP1
VSENN1
VIN
CIN
ISL8274M
VOUT1
PMBUS
INTERFACE
COUT1
100k
6.65k
2x10µF
10µF
10µF


EN1
ENABLE1
VOUT2
VSENP2
VSENN2
VOUT2
COUT2
SA
EN2
ENABLE2
18mm
7.5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com