Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8272MEVAL2Z Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # ISL8272MEVAL2Z
Description  50A Digital DC/DC PMBus Power Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8272MEVAL2Z Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button ISL8272MEVAL2Z Datasheet HTML 45Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 46Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 47Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 48Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 49Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 50Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 51Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 52Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
ISL8272M
FN8670 Rev.5.00
Page 49 of 59
Nov 8, 2017
SNAPSHOT (EAh)
Definition: A 32-byte read-back of parametric and status values. It allows monitoring and status data to be stored to flash following a
fault condition. In case of a fault, the last updated values are stored to the flash memory. When the SNAPSHOT STATUS bit is set stored,
device will no longer automatically capture parametric and status values following fault until stored data are erased. Use the
SNAPSHOT_CONTROL command to erase store data and clear the status bit before next ramp up. Data erased is not allowed when the
module is enabled.
Data Length in Bytes: 32
Data Format: Bit field
Type: Block Read
BLANK_PARAMS (EBh)
Definition: Returns a 16-byte string indicating which parameter values were either retrieved by the last RESTORE operation or have
been written since that time. Reading BLANK_PARAMS immediately after a restore operation allows the user to determine which
parameters are stored in that store. A one indicates the parameter is not present in the store and has not been written since the
RESTORE operation.
Data Length in Bytes: 16
Data Format: BIT
Type: Block Read
Default Value: FF…FFh
SNAPSHOT_CONTROL (F3h)
Definition: Writing a 01h will cause the device to copy the current SNAPSHOT values from NVRAM to the 32-byte SNAPSHOT command
parameter. Writing a 02h will cause the device to write the current SNAPSHOT values to NVRAM, and writing a 03h will erase all
SNAPSHOT values from NVRAM. Write (02h) and Erase (03h) may only be used when the device is disabled. All other values are
ignored.
Data Length in Bytes: 1
Data Format: Bit field
Type: R/W byte
BYTE NUMBER
VALUE
PMBUS COMMAND
FORMAT
31:23
Reserved
Reserved
00h
22
Flash Memory Status Byte
FF - Not Stored
00 - Stored
N/A
BIT
21
Manufacturer Specific Status Byte
STATUS_MFR_SPECIFIC (80h)
Byte
20
CML Status Byte
STATUS_CML (7Eh)
Byte
19
Temperature Status Byte
STATUS_TEMPERATURE (7Dh)
Byte
18
Input Status Byte
STATUS_INPUT (7Ch)
Byte
17
IOUT Status Byte
STATUS_IOUT (7Bh)
Byte
16
VOUT Status Byte
STATUS_VOUT (7Ah)
Byte
15:14
Switching Frequency
READ_FREQUENCY (95h)
L11
13:12
Reserved
Reserved
00h
11:10
Internal Temperature
READ_INTERNAL_TEMP (8Dh)
L11
9:8
Duty Cycle
READ_DUTY_CYCLE (94h)
L11
7:6
Highest Measured Output Current
N/A
L11
5:4
Output Current
READ_IOUT (8Ch)
L11
3:2
Output Voltage
READ_VOUT (8Bh)
L16u
1:0
Input Voltage
READ_VIN (88h)
L11
VALUE
DESCRIPTION
01h
Read SNAPSHOT values from NV RAM
02h
Write SNAPSHOT values to NV RAM
03h
Erase SNAPSHOT values stored in NV RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com