Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8272MEVAL2Z Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL8272MEVAL2Z
Description  50A Digital DC/DC PMBus Power Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8272MEVAL2Z Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL8272MEVAL2Z Datasheet HTML 4Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
ISL8272M
FN8670 Rev.5.00
Page 8 of 59
Nov 8, 2017
Typical Application Circuit - Three Module Current Sharing
FIGURE 5. TYPICAL APPLICATION CIRCUIT - THREE MODULE CURRENT SHARING
VIN
VDD
VR55
VR5
VR
VOUT
VR6
VDRV
SCL
SDA
SALRT
VMON
VCC
VDRV1
VCC3
ISL8272M
10µF
10µF
10µF
DDC
SWD1
SW1
SWD2
SW2
10µF
4x22µF
CERAMIC
4x100µF
CERAMIC
PIN STRAP RESISTORS
(OPTIONAL)
C16
C17
C18
C19
C20
C21
10µF
C22
R19
R20
R21
R22
R23
R24
R25
VIN
VDD
VR55
VR5
VR
VOUT
VR6
VDRV
SCL
SDA
SALRT
VMON
VCC
VDRV1
VCC2
ISL8272M
10µF
10µF
10µF
DDC
SYNC
SWD1
SW1
SWD2
SW2
10µF
4x22µF
CERAMIC
4x100µF
CERAMIC
PIN STRAP RESISTORS
(OPTIONAL)
C9
C10
C11
C12
C13
C14
10µF
C15
R12
R13
R14
R16
R17 R18
VIN
VDD
VR55
VR5
VR
VOUT
VR6
VDRV
SCL
SDA
SALRT
VMON
VCC
VDRV1
VIN
VCC1
ISL8272M
VOUT
1.2V 150A
10µF
10µF
10µF
VAUX or VCC
3.3V to 5V
DDC
SYNC
SWD1
SW1
SWD2
SW2
12V
10µF
2X470µF
BULK
4x22µ F
CERAMIC
4x100µF
CERAMIC
12x470µ F
POSCAP
SCL
PIN STRAP RESISTORS
(OPTIONAL)
SDA
SALRT
DDC
C1
C2
C3
C4
C5
C6
C7
10µF
C8
C23
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
SYNC
SYNC
12x100µ F
CERAMIC
C24
R15
56.2k
SMBus Address = 0x2C
SMBus Address = 0x2B
SMBus Address= 0x2A
4.7k
 4.7k 4.7k 4.7k

100k

6.65k

100k

6.65k

61.9k

100k

6.65k

51.1k




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com