Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8272MEVAL2Z Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL8272MEVAL2Z
Description  50A Digital DC/DC PMBus Power Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8272MEVAL2Z Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL8272MEVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 12Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 13Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 14Page - Renesas Technology Corp ISL8272MEVAL2Z Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
ISL8272M
FN8670 Rev.5.00
Page 11 of 59
Nov 8, 2017
IOUT_RANGE
Output Current Range (Note 16)
50
A
IOUT_READ_ERR
Output Current Read back Total Error
PMBus read at max load. VOUT = 1V
±3
A
SOFT-START AND SEQUENCING
tON_DELAY
Delay Time From Enable to VOUT Rise Configured using PMBus
2
5000
ms
tON_DELAY_ACCY
tON_DELAY Accuracy
±2
ms
tON_RISE
Output Voltage Ramp-Up Time
Configured using PMBus. Single
module standalone
0.5
100
ms
tON_RISE_ACCY
Output Voltage Ramp-Up Time
Accuracy
Single module standalone
±250
µs
tOFF_DELAY
Delay Time From disable to VOUT Fall
Configured using PMBus
2
5000
ms
tOFF_DELAY_ACCY
tOFF_DELAY Accuracy
±2
ms
tOFF_FALL
Output Voltage Fall Time
Configured using PMBus. Single
module standalone
0.5
100
ms
tON_FALL_ACCY
Output Voltage Fall Time Accuracy
Single module standalone
±250
µs
POWER-GOOD
VPG_DELAY
Power-Good Delay
Configured using PMBus
0
5000
ms
TEMPERATURE SENSE
TSENSE_RANGE
Temperature Sense Range
Configurable using PMBus
-50
150
C
INT_TEMPACCY
Internal Temperature Sensor Accuracy Tested at +100°C
-5
+5
C
FAULT PROTECTION
VDD_UVLO_RANGE
VDD Undervoltage Threshold Range
Measured internally
4.18
16
V
VDD_UVLO_ACCY
VDD Undervoltage Threshold Accuracy
(Note 17)
±2
%FS
VDD_UVLO_DELAY
VDD Undervoltage Response Time
10
µs
VOUT_OV_RANGE
VOUT Overvoltage Threshold Range
Factory default
1.15VOUT
V
Configured using PMBus
1.05VOUT
VOUT_MAX
V
VOUT_UV_RANGE
VOUT Undervoltage Threshold Range
Factory default
0.85VOUT
V
Configured using PMBus
00.95VOUT
V
VOUT_OV/UV_ACCY VOUT OV/UV Threshold Accuracy
(Note 15)
-2
+2
%
VOUT_OV/UV_DELAY VOUT OV/UV Response Time
10
µs
ILIMIT_ACCY
Output Current Limit Set-Point
Accuracy (Note 17)
Tested at IOUT_OC_FAULT_LIMIT = 50A
±10
% FS
ILIMIT_DELAY
Output Current Fault Response Time
(Note 18)
Factory default
3
tSW
TJUNCTION
Over-temperature Protection
Threshold
(Controller Junction Temperature)
Factory default
125
C
Configured using PMBus
-40
125
C
TJUNCTION_HYS
Thermal Protection Hysteresis
15
C
Electrical Specifications VIN = VDD= 12V, fSW = 533kHz, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C. Boldface limits apply across the operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 14)
TYP
MAX
(Note 14)
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com