Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6523CBZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6523CBZ
Description  VRM8.5 Dual PWM and Dual Linear Power System Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6523CBZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6523CBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ISL6523
FN9024 Rev 2.00
Page 13 of 17
Jul 2004
the approximate response time interval for application and
removal of a transient load:
where: ITRAN is the transient load current step, tRISE is the
response time to the application of load, and tFALL is the
response time to the removal of load. Be sure to check both of
these equations at the minimum and maximum output levels
for the worst case response time.
Input Capacitor Selection
The important parameters for the bulk input capacitor are the
voltage rating and the RMS current rating. For reliable
operation, select bulk input capacitors with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum input
voltage. The maximum RMS current rating requirement for the
input capacitors of a buck regulator is approximately 1/2 of the
DC output load current. Worst-case RMS current draw in a
circuit employing the ISL6523 amounts to the largest RMS
current draw of either switching regulator (likely the RMS of
VOUT1). Operating at 180o out-of-phase, the input-side RMS
current of both switchers is less than the arithmetical sum of
individual RMS input currents.
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use ceramic capacitance for
the high frequency decoupling and bulk capacitors to supply
the RMS current. Small ceramic capacitors can be placed very
close to the upper MOSFET to suppress the voltage induced in
the parasitic circuit impedances.
For a through-hole design, several electrolytic capacitors
(Panasonic HFQ series or Nichicon PL series or Sanyo MV-GX
or equivalent) may be needed. For surface mount designs,
solid tantalum capacitors can be used, but caution must be
exercised with regard to the capacitor surge current rating.
These capacitors must be capable of handling the surge
current at power-up. The TPS series available from AVX, and
the 593D series from Sprague are both surge current tested.
MOSFET Selection/Considerations
The ISL6523 requires 5 external transistors. Three N-channel
MOSFETs are employed by the PWM converters. The AGP
and memory linear controllers can each drive a MOSFET or a
NPN bipolar as a pass transistor. All these transistors should
be selected based upon rDS(ON), current gain, saturation
voltages, gate supply requirements, and thermal management
considerations.
PWM1 MOSFET Selection and Considerations
In high-current PWM applications, the MOSFET power
dissipation, package selection and heatsink are the dominant
design factors. The power dissipation includes two main loss
components: conduction losses and switching losses. These
losses are distributed between the upper and lower MOSFETs
according to the duty factor. The conduction losses are the main
component of power dissipation for the lower MOSFETs. Only the
upper MOSFET has significant switching losses, since the lower
device turns on and off into near zero voltage.
The equations presented assume linear voltage-current
transitions and do not model power losses due to the lower
MOSFET’s body diode or the output capacitances associated
with either MOSFET. The gate charge losses are dissipated by
the controller IC (ISL6523) and do not contribute to the
MOSFETs’ heat rise. Ensure that both MOSFETs are within
their maximum junction temperature at high ambient
temperature by calculating the temperature rise according to
package thermal resistance specifications. A separate
heatsink may be necessary depending upon MOSFET power,
package type, ambient temperature and air flow.
The rDS(ON) is different for the two equations above even if the
same device is used for both. This is because the gate drive
applied to the upper MOSFET is different than the lower
MOSFET. Figure 12 shows the gate drive where the upper
MOSFET’s gate-to-source voltage is approximately VCC less
the input supply. For +5V main power and +12VDC for the bias,
the approximate gate-to-source voltage of Q1 is 7V. The lower
gate drive voltage is 12V. A logic-level MOSFET is a good
choice for Q1 and a logic-level MOSFET can be used for Q2 if
its absolute gate-to-source voltage rating exceeds the maximum
voltage applied to VCC.
Rectifier CR1 is a clamp that catches the negative inductor
swing during the dead time between the turn off of the lower
MOSFET and the turn on of the upper MOSFET. For best
results, the diode must be a surface-mount Schottky type to
prevent the parasitic MOSFET body diode from conducting. It is
tRISE
LO ITRAN
VIN VOUT
–
--------------------------------
=
tFALL
LO ITRAN
VOUT
-------------------------------
=
PUPPER
IO
2
rDS ON

VOUT
VIN
------------------------------------------------------------
IO VIN
tSW
FS
2
----------------------------------------------------
+
=
PLOWER
IO
2
rDS ON

VIN VOUT
–

VIN
---------------------------------------------------------------------------------
=
FIGURE 12. UPPER GATE DRIVE - DIRECT VCC DRIVE
+12V
PGND
ISL6523
GND
LGATE
UGATE
PHASE
VCC
+5V OR LESS
NOTE:
NOTE:
VGS VCC
Q1
Q2
+
-
VGS VCC -5V
CR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com