Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6523CBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6523CBZ
Description  VRM8.5 Dual PWM and Dual Linear Power System Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6523CBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6523CBZ Datasheet HTML 1Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 2Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 3Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SOFT-
START
PWM
COMP1
EA1
VCC
PGOOD
PWM1
GND
VSEN1
OCSET1
VID3 VID2 VID1 VID0
FB1
COMP1
DACOUT
UGATE1
PHASE1
200
A
28
A
4.5V
+
-
+
-
+
-
+
-
VID25
LGATE1
PGND
DRIVE4
DRIVE3
VSEN3
+
-
INHIBIT
PWM2
UGATE2
PHASE2
EA2
PWM
COMP2
200
A
OCSET2
VSEN2
+
-
+
-
GATE
CONTROL
+
-
1.8V
+
-
POWER-ON
RESET (POR)
TTL D/A
CONVERTER
(DAC)
OSCILLATOR
+
-
GATE
CONTROL
VCC
VCC
VCC
& FAULT
LOGIC
SS13
1.2V
SYNCH
DRIVE
DRIVE1
DRIVE2
+
-
+
VSEN4
FAULT
OV
OC2
OC1
-
SS24
+
-
VAUX
VAUX
0.90
x
1.10
x
1.15
x
x0.75
x0.90
1.5V
28
A
4.5V
VCC
VTTPG
+
-
x0.75
D
CLK
Q
Q
SET
CLR
EA3
EA4
UV3
UV4
UV2
FIGURE 1. BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com