Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6523CBZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6523CBZ
Description  VRM8.5 Dual PWM and Dual Linear Power System Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6523CBZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6523CBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6523CBZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ISL6523
FN9024 Rev 2.00
Page 14 of 17
Jul 2004
acceptable to omit the diode and let the body diode of the lower
MOSFET clamp the negative inductor swing, but one must
ensure the PHASE node negative voltage swing does not
exceed -3V to -5V peak. The diode's rated reverse breakdown
voltage must be equal or greater to 1.5 times the maximum input
voltage.
PWM2 MOSFET and Schottky Selection
The power dissipation in PWM2 converter is similar to PWM1
except that the power losses of the lower device are dissipated
in the Schottky. The equations below describe an
approximation of this power loss distribution and assume linear
voltage-current switching transitions.
Linear Controllers Transistor Selection
The ISL6523 linear controllers are compatible with both NPN
bipolar as well as N-channel MOSFET transistors. The main
criteria for selection of pass transistors for the linear regulators
is package selection for efficient removal of heat. The power
dissipated in a linear regulator is
Select a package and heatsink that maintains the junction
temperature below the maximum desired temperature with the
maximum expected ambient temperature.
When selecting bipolar NPN transistors for use with the linear
controllers, insure the current gain at the given operating VCE
is sufficiently large to provide the desired output load current
when the base is fed with the minimum driver output current.
In order to ensure the strict timing/level requirement of OUT4,
an NPN transistor is recommended for use as a pass element
on this output (Q5). An low gate threshold NMOS could be
used, but meeting the requirements would then depend on the
VCC bias being sufficiently high to allow control of the
MOSFET.
PMOS
IO
2
rDS ON

VOUT
VIN
------------------------------------------------------------
IO VIN
tSW
FS
2
----------------------------------------------------
+
=
PSCH
IO Vf
VIN VOUT
–

VIN
-------------------------------------------------------------
=
PLINEAR
IO VIN VOUT
–

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com