Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GM126401SFAYA-R1 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # GM126401SFAYA-R1
Description  LCD MODULE SPCIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM126401SFAYA-R1 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button GM126401SFAYA-R1 Datasheet HTML 13Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 14Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 15Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 16Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 17Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 18Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 19Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 20Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Confidential Document
Page:
17 / 21
4
Uniformity of Pixel
(2) Pixel shape ( with Projection)
Should not be connected to
next pixel
0.152
(3) Pin hole
X
Y
( X + Y )/2
≤ 0.02mm
(Less than 0.1 mm is no counted)
(4) Deformation
X ( X + Y ) / 2
≤ 0.3mm
Y
Total acceptable number : 1/pixel, 5/cell
Definition
Major
AQL 0.65%
It is a defect that is likely to result in failure or to
reduce materially the usability of the product for the
intended function.
AQL 1.00%
It is a defect that is likely to assembly size and not
result in functioning problem.
Class of
defects
Minor
AQL 2.5%
It is a defect that will not result in functioning problem
with deviation classified.
11.3 Sampling Condition
Unless otherwise agree in written, the sampling inspection shall be
applied to the incoming inspection of customer.
Lot size: Quantity of shipment lot per model.
Sampling type: normal inspection, single sampling
Inspection level: Level II
Sampling table: MIL-STD-105E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com