Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GM126401SFAYA-R1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GM126401SFAYA-R1
Description  LCD MODULE SPCIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM126401SFAYA-R1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GM126401SFAYA-R1 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 9Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 10Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 11Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Confidential Document
Page:
8 / 21
6.1
LED ELECTRO-OPTICAL CHARACTERISTIC
Ta = 25
°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 330mA
Yellow Green
--
4.2
4.6
V
Luminous Intensity
IV
IF = 330mA
Yellow Green
120
180
--
cd/m
2
Peak Emission
λP
IF = 330mA
Yellow Green
--
570
--
nm
Spectrum Radiation
∆λ
IF = 330mA
Yellow Green
--
30
--
nm
Reverse Current
IR
VR = 8V
Yellow Green
--
--
0.2
mA
Note : Measured at the LED backlight unit.
6.2 LED MAXIMUM OPERATING RANGE
Item
Symbol
Yellow Green
Unit
Power Dissipation
PAD
2.3
W
Forward Current
IAF
495
mA
Reverse Voltage
VR
8
V
6.2.1
LED ARRAY BLOCK DIAGRAM
A
2 Dies X33 =66
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com