Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GM126401SFAYA-R1 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GM126401SFAYA-R1
Description  LCD MODULE SPCIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM126401SFAYA-R1 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GM126401SFAYA-R1 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 9Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 10Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 11Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 12Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 13Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 14Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Confidential Document
Page:
11 / 21
8.
PIN CONNECTIONS
No.
Symbol
Function
1
VSS
Ground (0V)
2
VDD
+5V
3
V0
Power Supply For LCD Drive
4
D/I
L
→ Instructions
H
→ Data
5
R/W
H
→ Data Read (LCD → MPU)
L
→ Data Write (LCD ← MPU)
6
E
Enable Signal
7
DB0
8
DB1
9
DB2
10
DB3
11
DB4
12
DB5
13
DB6
14
DB7
Data Bus Line
15
CS1
Chip select for IC1, Active high
16
CS2
Chip select for IC2, Active high
17
/RST
Reset, Active LOW
18
VEE
Negative Voltage Output
19
LEDK
LED Cathode. Power Supply -
20
LEDA
LED Anode. Power Supply +
9.
POWER SUPPLY
VDD
+5V
LCM
VSS
VR=10K
VO
LED A
Backlight
0V
LED K
VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com