| Electronic Components Datasheet Search |
|
ZL2005 Datasheet(PDF) 36 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZL2005 Datasheet(HTML) 36 Page - Renesas Technology Corp |
|
36 / 39 page ![]() ZL2005 FN6848 Rev 2.00 Page 36 of 39 February 23, 2011 Figure 18. External Temperature Monitoring 6.14 Fan Monitoring using the TACH Pin The ZL2005 can monitor the tachometer pulse of an external 3-wire fan connected to the TACH pin. The device will report a revolutions per minute (RPM) value assuming one pulse per revolution. The TACH pin is only monitored when the device is enabled or when it is configured to always be in monitoring mode. Refer to Application Note AN13 for more details on configuring specific operating modes. 6.15 Device Security Features Note that the ZL2005 integrates several security mea- sures to ensure that the user can only restore the device to a level that has been made available to them. During the initialization process, the ZL2005 checks for stored values contained in its internal memory. The ZL2005 offers two internal memory storage units that are acces- sible by the user as follows: 1. Default Store: A power supply module manufacturer may want to protect the module from damage by preventing the user from being able to modify cer- tain values that are related to the physical construc- tion of the module. In this case, the module manufacturer would use the Default Store and would allow the user to restore the device to its default set- ting but would restrict the user from restoring the device to the factory setting. 2. User Store: The manufacturer of a piece of equip- ment may want to provide the ability to modify cer- tain power supply settings while still protecting the equipment from modifying values that can lead to a system level fault. The equipment manufacturer would use the User Store to achieve this goal. Please refer to Application Note AN13 for details on how to set specific security measures via the I2C/SMBus interface. ZL2005 SGND XTEMP Discrete NPN 2N3904 ZL2005 SGND XTEMP Embedded Thermal Diode µP FPGA DSP ASIC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |