Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL2005 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZL2005
Description  Digital-DC??Integrated Power Management and Conversion IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZL2005 Datasheet HTML 7Page - Renesas Technology Corp ZL2005 Datasheet HTML 8Page - Renesas Technology Corp ZL2005 Datasheet HTML 9Page - Renesas Technology Corp ZL2005 Datasheet HTML 10Page - Renesas Technology Corp ZL2005 Datasheet HTML 11Page - Renesas Technology Corp ZL2005 Datasheet HTML 12Page - Renesas Technology Corp ZL2005 Datasheet HTML 13Page - Renesas Technology Corp ZL2005 Datasheet HTML 14Page - Renesas Technology Corp ZL2005 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
ZL2005
FN6848 Rev 2.00
Page 11 of 39
February 23, 2011
4
ZL2005 Overview
4.1 Digital-DC Architecture
The ZL2005 is an innovative mixed-signal power con-
version and power management IC based on Zilker
Labs’ patented Digital-DC technology that provides an
integrated, high performance step-down converter for a
wide variety of power supply applications. Its unique
digital PWM loop utilizes an innovative mixed-signal
topology to enable precise control of the power conver-
sion process with no software required, resulting in a
very flexible device that is also easy to use. An extensive
set of power management functions is fully integrated
and can be configured using simple pin connections or
via the I2C/SMBus hardware interface using standard
PMBus commands. The user configuration can be saved
in an on-chip non-volatile memory (NVM), allowing
ultimate flexibility.
Once enabled, the ZL2005 is immediately ready to regu-
late power and perform power management tasks with
no programming required. The ZL2005 can be config-
ured by simply connecting its pins according to the
tables provided in this document. Advanced configura-
tion options and real-time configuration changes are
available via the I2C/SMBus interface if desired, and
continuous monitoring of multiple operating parameters
is possible with minimal interaction from a host control-
ler. Integrated sub-regulation circuitry enables single
supply operation from any supply between 3V and 14V
with no secondary bias supplies needed.
Zilker Labs provides a comprehensive set of on-line
tools and application notes to assist with power supply
design and simulation. An evaluation board is also avail-
able to help the user become familiar with the device.
This board can be evaluated as a stand-alone platform
using pin configuration settings. Additionally, a Win-
dows™-based GUI is provided to enable full configura-
tion and monitoring capability via the I2C/SMBus
interface using an available computer and the included
USB cable.
Please refer to www.zilkerlabs.com for access to the
most up-to-date documentation and the PowerPilotTM
simulation tool, or call your local Zilker Labs’ sales
office to order an evaluation kit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com