Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL2005 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZL2005
Description  Digital-DC??Integrated Power Management and Conversion IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2005 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZL2005 Datasheet HTML 17Page - Renesas Technology Corp ZL2005 Datasheet HTML 18Page - Renesas Technology Corp ZL2005 Datasheet HTML 19Page - Renesas Technology Corp ZL2005 Datasheet HTML 20Page - Renesas Technology Corp ZL2005 Datasheet HTML 21Page - Renesas Technology Corp ZL2005 Datasheet HTML 22Page - Renesas Technology Corp ZL2005 Datasheet HTML 23Page - Renesas Technology Corp ZL2005 Datasheet HTML 24Page - Renesas Technology Corp ZL2005 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
ZL2005
FN6848 Rev 2.00
Page 21 of 39
February 23, 2011
mance. A good starting point is to select the output
inductor ripple current (Iopp) equal to the expected load
transient step magnitude (Iostep):
Now the output inductance can be calculated using the
following equation:
where VINM is the maximum input voltage.
The average inductor current is equal to the maximum
output current. The peak inductor current (ILpk) is calcu-
lated using the following equation where IOUT is the
maximum output current:
Select an inductor rated for the average DC current with
a peak current rating above the peak current computed
above.
In over-current or short-circuit conditions, the inductor
may have currents greater than 2X the normal maximum
rated output current. It is desirable to use an inductor that
is not saturated at these conditions to protect the load
and the power supply MOSFETs from damaging cur-
rents.
Once an inductor is selected, the DCR and core losses in
the inductor are calculated. Use the DCR specified in the
inductor manufacturer’s datasheet.
ILrms is given by:
where IOUT is the maximum output current. Next, calcu-
late the core loss of the selected inductor. Since this cal-
culation is specific to each inductor and manufacturer,
refer to the chosen inductor’s datasheet. Add the core
loss and the DCR loss and compare the total loss to the
maximum power dissipation recommendation in the
inductor datasheet.
Output Capacitor Selection
Several trade-offs also must be considered when select-
ing an output capacitor. Low ESR values are needed to
have a small output deviation during transient load steps
(Vosag) and low output voltage ripple (Vorip). However,
capacitors with low ESR, such as semi-stable (X5R and
X7R) dielectric ceramic capacitors, also have relatively
low capacitance values. Many designs can use a combi-
nation of high capacitance devices and low ESR devices
in parallel.
For high ripple currents, a low capacitance value can
cause a significant amount of output voltage ripple.
Likewise, in high transient load steps, a relatively large
amount of capacitance is needed to minimize the output
voltage deviation while the inductor current ramps up to
the new steady state output current value.
As a starting point, allocate one-half of the output volt-
age ripple to the capacitor ESR and the other half to its
capacitance, as shown in the following equations:
Use these values to make an initial capacitor selection,
using a single capacitor or several capacitors in parallel.
After a capacitor has been selected, the resulting output
voltage ripple can be calculated using the following
equation:
Because each part of this equation was made to be less
than or equal to half of the allowed output ripple voltage,
the Vorip should be less than the desired maximum out-
put ripple.
For more information on the performance of the power
supply in response to a transient load, refer to Applica-
tion Note AN11.
(3)
ostep
opp
I
I
(4)
opp
sw
V
V
OUT
OUT
I
f
V
L
INM
OUT
1
(5)
2
opp
I
OUT
pk
I
IL
2
Lrms
LDCR
I
DCR
P
(6)
(7)
12
2
2
opp
I
OUT
Lrms
I
I
2
8
orip
V
sw
opp
OUT
f
I
C
(8)
(9)
opp
orip
I
V
ESR
2
(10)
OUT
sw
opp
opp
orip
C
f
I
ESR
I
V
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com