Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL2102ALAFTK Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ZL2102ALAFTK
Description  6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2102ALAFTK Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ZL2102ALAFTK Datasheet HTML 28Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 29Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 30Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 31Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 32Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 33Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 34Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 35Page - Renesas Technology Corp ZL2102ALAFTK Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
ZL2102
FN8440 Rev 2.00
Page 32 of 58
November 20, 2014
OT_FAULT_RESPONSE (50h)
Definition: Configures the over temperature fault response. Only two settings are valid: 80h (immediate shutdown until commanded to
restart) and BFh (immediate shutdown, 250ms delay, and then automatic restart once the fault condition has cleared). The
temperature must drop below OT_WARN_LIMIT before the device will restart.
Data Length in Bytes: 1
Data Format: BIT
Type: R/W
Default Value: BFh (Disable and retry continuously)
Units: N/A
Reference: N/A
OT_WARN_LIMIT (51h)
Definition: Sets the over temperature warning alarm threshold. In response to the threshold being exceeded, the device:
• Sets the TEMPERATURE bit in STATUS_WORD,
• Sets the OT_WARNING bit in STATUS_TEMPERATURE, and
• Notifies the host by setting the SALRT pin.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: EB70h (+110°C)
Units: Celsius
Equation: OT_WARN_LIMIT = Y×2N
Range: 0°C to +125°C
Reference: N/A
COMMAND
OT_FAULT_RESPONSE (50h)
FORMAT
BIT FIELD
Bit Position
76
5
4321
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
See Following Table
Default Value
1
0
1
1111
1
BIT
FIELD NAME
VALUE
DESCRIPTION
7:6
Response Behavior
During a fault, the device:
•Pulls SALRT low
• Sets the related fault bit in the
status registers.
00-01
Not Used
10
Disable and Retry according to the setting in bits [5:3].
11
Not Used
5:3
Retry Setting
000
No Retry. The output remains disabled until the device is restarted.
001-110 Not Used
111
Attempts to restart continuously, without limitation, until it is commanded OFF (by the
CONTROL pin or OPERATION command), bias power is removed, or another fault condition
causes the unit to shut down. The time between retries is set by bits [2:0].
2:0
Retry Time
111
The device will wait 250ms between disable and restart. 111 is the only valid entry for this field.
COMMAND
OT_WARN_LIMIT (51h)
Format
Linear, two’s complement binary
Bit Position
15
14
13
12
11
10
98
76
54
321
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
Signed Exponent, N
Signed Mantissa, Y
Default Value
1
11
01
011
01
11
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com